Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1719530000 Datasheet(PDF) 6 Page - Weidmuller

Part # 1719530000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1719530000 Datasheet(HTML) 6 Page - Weidmuller

Back Button 1719530000 Datasheet HTML 2Page - Weidmuller 1719530000 Datasheet HTML 3Page - Weidmuller 1719530000 Datasheet HTML 4Page - Weidmuller 1719530000 Datasheet HTML 5Page - Weidmuller 1719530000 Datasheet HTML 6Page - Weidmuller 1719530000 Datasheet HTML 7Page - Weidmuller 1719530000 Datasheet HTML 8Page - Weidmuller 1719530000 Datasheet HTML 9Page - Weidmuller 1719530000 Datasheet HTML 10Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Cable glands
49
Cable glands brass IP54
Ordering data
Type
Thread
Clamp range
L
L1
SW1/SW2
Qty.
Cat. No.
Metric gland brass IP 54, hexagonal
VGM12-MS54
M 12 x 1.5
5.0 - 7.0
21.50
6
14/13
100
1778410000
VGM12-MS54
M 12 x 1.5
6.0 - 8.0
22
6
17/15
100
1778400000
VGM16-MS54
M 16 x 1.5
8.0 - 10.0
26
6
20/18
100
1778390000
VGM20-MS54
M 20 x 1.5
8.0 - 10.0
26.50
6.50
22/18
50
1778380000
VGM20-MS54
M 20 x 1.5
10.0 - 12.0
26.50
6.50
22/20
50
1778370000
VGM25-MS54
M 25 x 1.5
12.0 - 14.0
27.50
7
27/22
50
1778360000
VGM25-MS54
M 25 x 1.5
15.0 - 17.0
29.50
7
30/28
50
1778350000
VGM32-MS54
M 32 x 1.5
24.0 - 26.0
33
8
40/38
25
1778340000
VGM40-MS54
M 40 x 1.5
28.0 - 30.0
33
8
43/37
25
1778330000
VGM50-MS54
M 50 x 1.5
31.0 - 33.0
39
9
55/47
10
1778320000
VGM50-MS54
M 50 x 1.5
39.0 - 41.0
43
9
57/54
5
1778310000
VGM63-MS54
M 63 x 1.5
45.0 - 47.0
45
10
68/60
5
1778300000
PG gland brass IP 54, hexagonal
VG 7-MS54
PG 7
5.0 - 7.0
20.5
5
14/13
50
0521500000
VG 9-MS54
PG 9
6.0 - 8.0
22
6
17/15
50
0261500000
VG 11-MS54
PG 11
8.0 - 10.0
26
6
20/18
50
0260700000
VG 13.5-MS54
PG 13.5
10.0 - 12.0
26
6.5
22/20
50
0260800000
VG 16-MS54
PG 16
12.0 - 14.0
27
6.5
24/22
25
0261400000
VG 21-MS54
PG 21
15.0 - 17.0
29.5
7
30/28
20
0260900000
VG 29-MS54
PG 29
24.0 - 26.0
33
8
40/37
20
0261000000
VG 36-MS54
PG 36
33.0 - 35.0
39
9
50/47
10
0497600000
VG 42-MS54
PG 42
41.0 - 43.0
44
10
57/54
10
0497700000
VG 48-MS54
PG 48
45.0 - 47.0
45
10
64/60
5
1718780000
all sizes in mm
Ordering data
Type
Thread
Clamp range
L
L1
SW
Qty.
Cat. No.
Metric gland brass
VG M 12 - MS 68 M 12 x 1.5
3.0 - 6.5
24
5
14
50
1772200000
VG M 16 - MS 68 M 16 x 1.5
5.5 - 10.0
28
5.5
17
50
1772210000
VG M 20 - MS 68 M 20 x 1.5
8.0 - 13.0
32
6
22
50
1772220000
VG M 25 - MS 68 M 25 x 1.5
11.0 - 18.0
35
7
30
20
1772230000
VG M 32 - MS 68 M 32 x 1.5
15.0 - 21.0
39
8
34
20
1772240000
VG M 40 - MS 68 M 40 x 1.5
19.0 - 27.0
53
8
44
10
1772250000
VG M 50 - MS 68 M 50 x 1.5
26.0 - 35.0
55
9
55
10
1772260000
VG M 63 - MS 68 M 63 x 1.5
34.0 - 45.0
58
10
66
5
1772270000
PG gland brass IP 68
VG 7-MS68
PG 7
3.0 - 6.5
23
5
14
50
1569060000
VG 9-MS68
PG 9
4.0 - 10.0
27
6
17
50
1569070000
VG 11-MS68
PG 11
5.0 - 10.0
28.5
6
20
50
1569080000
VG 13.5-MS68
PG 13.5
6.0 - 12.0
29.5
6.5
22
50
1569090000
VG 16-MS68
PG 16
10.0 - 14.0
29.5
6.5
24
25
1569100000
VG 21-MS68
PG 21
13.0 - 18.0
33.5
7
30
20
1569110000
VG 29-MS68
PG 29
18.0 - 25.0
37.5
8
40
20
1569120000
VG 36-MS68
PG 36
22.0 - 32.0
45
9
50
10
1569130000
VG 42-MS68
PG 42
30.0 - 38.0
47.5
10
57
10
1569140000
VG 48-MS68
PG 48
34.0 - 44.0
50.5
10
64
5
1718790000
NPT gland brass
VG NPT 3/8" - MS 68NPT 3/8" 4.0 - 8.0
36
15
17
50
1772370000
VG NPT 1/2" - MS 68NPT 1/2" 6.0 - 12.0
36
13
22
50
1772380000
VG NPT 3/4" - MS 68NPT 3/4" 13.0 - 18.0
39
13
30
20
1772390000
all sizes in mm
Cable glands brass IP68
Technical data
Material:
Nickel plated brass
Sealing:
Soft rubber
Temperature:
-20°C ... +60°C
Protection class:
IP54 (with thread sealing ring Type GWDR ...-PO = IP65)
Technical data
Material:
Nickel plated brass
Sealing:
Neoprene
Temperature:
-40°C ... +70°C (peak +100°C)
Protection class:
IP 68 / 5 bar with GWDR in the clamping area
Brass cable gland with hexagon threaded glands
Brass cable gland IP68 with strain relief.
Reduced clamping range on request.
Multiple seal insert on request.
L
L1
L
L1


Similar Part No. - 1719530000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719558 PHOENIX-1719558 Datasheet
57Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 3-STF-5,08 BD:1-3
1719561 PHOENIX-1719561 Datasheet
57Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 6-STF-5,08 BD:1-6
1719574 PHOENIX-1719574 Datasheet
57Kb / 4P
   Printed-circuit board connector - FKC 2,5/ 8-STF-5,08 BD:1-8
1719590 PHOENIX-1719590 Datasheet
96Kb / 2P
   MSTBW 2,5/ 2-G CRWH
More results

Similar Description - 1719530000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com