Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

249-0410-000 Datasheet(PDF) 4 Page - ITT Industries

Part # 249-0410-000
Description  Cannon Rack & Panel Connectors
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

249-0410-000 Datasheet(HTML) 4 Page - ITT Industries

  249-0410-000 Datasheet HTML 1Page - ITT Industries 249-0410-000 Datasheet HTML 2Page - ITT Industries 249-0410-000 Datasheet HTML 3Page - ITT Industries 249-0410-000 Datasheet HTML 4Page - ITT Industries 249-0410-000 Datasheet HTML 5Page - ITT Industries 249-0410-000 Datasheet HTML 6Page - ITT Industries 249-0410-000 Datasheet HTML 7Page - ITT Industries 249-0410-000 Datasheet HTML 8Page - ITT Industries 249-0410-000 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 120 page
background image
ARINC 600
BKAD/E/F
BKAD/E/F
4
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Low insertion force contacts.
Both environmental and non- environmental
versions.
Polarizing posts that are removable from the
mating face.
Field replaceable inserts for size 22 and
power contacts.
Up to 800 size 22 contacts in one connector.
Crimp, coax, power, printed circuit and wire
wrappable post style contacts.
Uses standard DPX crimp, insertion/extraction
tooling.
Waveguide connections available.
BKAD/E
BKAD/E connectors represent the standard
for new avionic systems developed to support
the air transportation market. Several important
design concerns have been addressed and
solved in this new series. High mating
forces of pluggable modules in a rack have been
reduced by approximately two-thirds.
The low insertion force contacts are also inter-
changeable with the contacts used in the DPX
series and permit retrofit of existing equipment.
BKAF
This new connector is totally intermateable and
intermountable with ARINC 600 connectors now in
the field.
The BKAF permits the user to easily replace a
contact in case of problems, rather than disas-
semble the entire connector--it is available with
size 22 contacts in wrap post or solder-tail ver-
sions. The system maintains the advantages of low
insertion force technology incorporated in all ARINC
600 connectors.
Rear Release/Rear Removable
Size 12, 16, 20, 22 Crimp Contacts
Front Release/Front Removable
Size 22 Solder Tail and Wrap Post Contacts
Pos-Aline Connector Construction Feature
Material Specifications
In the ARINC 600 connector series, Size 22 con-
tacts are the only size that utilize this design
feature. The hooded socket extends from its in-
sulator while the pin contacts are shrouded by its
front insulator.
All other contacts used in this series employ stan-
dard contact design.
The result is that the complement of contacts for
the plug connectors will consist of pin contacts for
size 22 and socket contacts for all others. The
receptacle contacts will be just the reverse, socket
contact for size 22 and pin contacts for the
balance.
Shell & Waveguide
BKAD
BKAE
BKAF
Specifications
Insulator
Contacts
Grommets/Seals
O-Ring
Finish
Material
Material
Material
Finish
Termination
Material
Material
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
Crimp
N/A
N/A
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
Crimp
Silicone-based Elastomer
Silicone-based Elastomer
1200
Alodine
Thermoset
Aluminum alloy
Copper alloy
Gold over Nickel
P.C./Wrap Post
N/A
N/A
MIL-C-5541
N/A
QQ A-591/A380
QQ-C-533
MIL-G-45204
N/A
N/A
N/A


Similar Part No. - 249-0410-000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-001 GLENAIR-249-001 Datasheet
118Kb / 2P
   Conductive O-Ring
249-001-09-B GLENAIR-249-001-09-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-09-C GLENAIR-249-001-09-C Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-09-H GLENAIR-249-001-09-H Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
249-001-11-B GLENAIR-249-001-11-B Datasheet
286Kb / 2P
   Conductive O-Ring for EMI Shielding
More results

Similar Description - 249-0410-000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
B0023382 ITT-B0023382 Datasheet
235Kb / 7P
   Cannon 75 Ohm Connectors
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com