Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27E040 Datasheet(PDF) 3 Page - Winbond

Part # W27E040
Description  512K X 8 ELECTRICALLY ERASABLE EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E040 Datasheet(HTML) 3 Page - Winbond

  W27E040 Datasheet HTML 1Page - Winbond W27E040 Datasheet HTML 2Page - Winbond W27E040 Datasheet HTML 3Page - Winbond W27E040 Datasheet HTML 4Page - Winbond W27E040 Datasheet HTML 5Page - Winbond W27E040 Datasheet HTML 6Page - Winbond W27E040 Datasheet HTML 7Page - Winbond W27E040 Datasheet HTML 8Page - Winbond W27E040 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
W27E040
Publication Release Date: May 1997
- 3 -
Revision A1
Standby Mode
The standby mode significantly reduces VCC current. This mode is entered when CE = VIH, VPP = 5V,
and VCC = 5V. In standby mode, all outputs are in a high impedance state, independent of OE .
Two-line Output Control
Since EPROMs are often used in large memory arrays, the W27E040 provides two control inputs for
multiple memory connections. Two-line control provides for lowest possible memory power
dissipation and ensures that data bus contention will not occur.
System Considerations
EPROM power switching characteristics require careful device decoupling. System designers are
interested in three supply current issues: standby current levels (ISB), active current levels (ICC), and
transient current peaks produced by the falling and rising edges of CE. Transient current magnitudes
depend on the device output's capacitive and inductive loading. Two-line control and proper
decoupling capacitor selection will suppress transient voltage peaks. Each device should have a 0.1
µ
F ceramic capacitor connected between its VCC and GND. This high frequency, low inherent-
inductance capacitor should be placed as close as possible to the device. Additionally, for every eight
devices, a 4.7
µF electrolytic capacitor should be placed at the array's power supply connection
between VCC and GND. The bulk capacitor will overcome voltage slumps caused by PC board trace
inductances.
TABLE OF OPERATING MODES
(VPP = 12V, VPE = 14V, VHH = 12V, VCP = 5V, X = VIH or VIL)
MODE
PINS
CE
OE
A0
A9
VCC
VPP
OUTPUTS
Read
VIL
VIL
X
X
VCC
VCC
DOUT
Output Disable
VIL
VIH
X
X
VCC
VCC
High Z
Standby (TTL)
VIH
X
X
X
VCC
VCC
High Z
Standby (CMOS)
VCC
±0.3V
X
X
X
VCC
VCC
High Z
Program
VIL
VIH
X
X
VCP
VPP
DIN
Program Verify
VIH
VIL
X
X
VCP
VPP
DOUT
Program Inhibit
VIH
X
X
X
VCP
VPP
High Z
Erase
VIL
VIH
VIL
VPE
VCE
VPE
DIH
Erase Verify
VIH
VIL
X
X
VCE
VPE
DOUT
Erase Inhibit
VIH
X
X
X
VCE
VPE
High Z
Product Identifier-manufacturer
VIL
VIL
VIL
VHH
VCC
VCC
DA (Hex)
Product Identifier-device
VIL
VIL
VIH
VHH
VCC
VCC
86 (Hex)


Similar Part No. - W27E040

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-12 WINBOND-W27E020-12 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-70 WINBOND-W27E020-70 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E020-90 WINBOND-W27E020-90 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E040

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E257 WINBOND-W27E257 Datasheet
227Kb / 14P
   32K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com