Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27C520S-90 Datasheet(PDF) 1 Page - Winbond

Part # W27C520S-90
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27C520S-90 Datasheet(HTML) 1 Page - Winbond

  W27C520S-90 Datasheet HTML 1Page - Winbond W27C520S-90 Datasheet HTML 2Page - Winbond W27C520S-90 Datasheet HTML 3Page - Winbond W27C520S-90 Datasheet HTML 4Page - Winbond W27C520S-90 Datasheet HTML 5Page - Winbond W27C520S-90 Datasheet HTML 6Page - Winbond W27C520S-90 Datasheet HTML 7Page - Winbond W27C520S-90 Datasheet HTML 8Page - Winbond W27C520S-90 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary
W27C520
64K
× 8 ELECTRICALLY ERASABLE EPROM
Publication Release Date: October 2000
- 1 -
Revision A1
GENERAL DESCRIPTION
The W27C520 is a high speed, low power Electrically Erasable and Programmable Read Only Memory
organized as 65,536
× 8 bits. It includes latches for the lower 8 address lines to multiplex with the 8
data lines. To cooperate with the MCU, this device could save the external TTL component, also cost
and space. It requires only one supply in the range of 3.0V to 3.6V or 4.5V to 5.5V in normal read
mode. The W27C520 provides an electrical chip erase function. It will be a great convenient when you
need to change/update the contents in the device.
FEATURES
High speed access time: 70/90 nS (max.)
Read operating current: 8/20 mA (max.)
Erase/Programming operating current
30 mA (max.)
Standby current: 20/100
µA (max.)
Unregulated battery power supply range,
3.0V to 3.6V and 4.5V to 5.5V
+13V erase and programming voltage
High Reliability CMOS Technology
− 2K V ESD Protection
− 200 mA Latchup Immunity
Fully static operation
All inputs and outputs directly LVTTL/CMOS
compatible
Three-state outputs
• Available packages: 20-pin TSSOP and 20-pin
SOP
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
18
19
20
13
14
15
16
17
11
12
9
10
AD2
AD0
AD7
GND
AD6
AD4
AD1
AD3
AD5
A9
A11
A13
A15
OE/VPP
ALE
A14
A12
VDD
TSSOP
Top View
A10
A8
18
19
20
1
2
3
4
5
6
7
8
13
14
15
17
11
12
9
10
AD5
AD0
A10
A8
AD1
AD3
ALE
A14
A12
GND
AD6
AD4
AD2
A11
A13
A15
SOP
Top View
A9
OE/VPP
VDD
AD7
16
BLOCK DIAGRAM
ALE
OE / V
CONTROL
GND
VDD
PP
AD7 - AD0
OUTPUT
BUFFER
DECODER
L
A
T
C
H
E
S
A15 - A8
MEMORY
ARRAY
PIN DESCRIPTION
SYMBOL
DESCRIPTION
AD0
−AD7
Address/Data Inputs/Outputs
A8
−A15
Address Inputs
ALE
Address Latch Enable
OE /VPP
Output Enable, Program/Erase
Supply Voltage
VDD
Power Supply
GND
Ground


Similar Part No. - W27C520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-12 WINBOND-W27C512-12 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-45 WINBOND-W27C512-45 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-70 WINBOND-W27C512-70 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512-90 WINBOND-W27C512-90 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27C520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com