Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NR8040T100M Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # NR8040T100M
Description  Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

NR8040T100M Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button NR8040T100M Datasheet HTML 5Page - Allegro MicroSystems NR8040T100M Datasheet HTML 6Page - Allegro MicroSystems NR8040T100M Datasheet HTML 7Page - Allegro MicroSystems NR8040T100M Datasheet HTML 8Page - Allegro MicroSystems NR8040T100M Datasheet HTML 9Page - Allegro MicroSystems NR8040T100M Datasheet HTML 10Page - Allegro MicroSystems NR8040T100M Datasheet HTML 11Page - Allegro MicroSystems NR8040T100M Datasheet HTML 12Page - Allegro MicroSystems NR8040T100M Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Constant-Current 3-Ampere PWM Dimmable
Buck Regulator LED Driver
A6211
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
at any time, a series resistor (1 kΩ) is required to limit the current
flowing into the EN pin. This series resistor is not necessary if
EN is driven from a logic input.
PWM Dimming Ratio
The brightness of the LED string can be reduced by adjusting the
PWM duty cycle at the EN pin as follows:
Dimming ratio = PWM on-time / PWM period
For example, by selecting a PWM period of 5 ms (200 Hz PWM
frequency) and a PWM on-time of 50 μs, a dimming ratio of 1%
can be achieved.
In an actual application, the minimum dimming ratio is deter-
mined by various system parameters, including: VIN, VOUT,
inductance, LED current, switching frequency, and PWM
frequency. As a general guideline, the minimum PWM on-time
should be kept at 50 μs or longer. A shorter PWM on-time is
acceptable under more favorable operating conditions.
Output Voltage and Duty Cycle
Figure 7 provides simplified equations for approximating output
voltage. Essentially, the output voltage of a buck converter is
approximately given as:
VOUT = VIN × D – VD1 × (1 – D ) ≈ VIN × D, if VD1<< VIN
D = tON / (tON + tOFF )
where D is the duty cycle, and VD1 is the forward drop of the
Schottky diode D1 (typically under 0.5 V).
Minimum and Maximum Output Voltages
For a given input voltage, the maximum output voltage depends
on the switching frequency and minimum tOFF. For example, if
tOFF(min) = 150 ns and fSW = 1 MHz, then the maximum duty
cycle is 85%. So for a 24 V input, the maximum output is 20.3 V.
This means up to 6 LEDs can be operated in series, assuming
Vf = 3.3 V or less for each LED.
The minimum output voltage depends on minimum tON and
switching frequency. For example, if the minimum tON = 150 ns
and fSW = 1 MHz, then the minimum duty cycle is 15%. That
means with VIN = 24 V, the minimum VOUT = 3.2 V (one LED).
To a lesser degree, the output voltage is also affected by other
factors such as LED current, on-resistance of the high-side
switch, DCR of the inductor, and forward drop of the low-side
diode. The more precise equation is shown in figure 7.
As a general rule, switching at lower frequencies allows a wider
range of VOUT, and hence more flexible LED configurations.
This is shown in figure 8.
Figure 8 shows how the minimum and maximum output volt-
ages vary with LED current (assuming RDS(on) = 0.4 Ω, inductor
DCR = 0.1 Ω, and diode Vf = 0.6 V).
If the required output voltage is lower than that permitted by the
minimum tON, the controller will automatically extend the tOFF,
in order to maintain the correct duty cycle. This means that the
switching frequency will drop lower when necessary, while the
LED current is kept in regulation at all times.
Figure 8. Minimum and Maximum Output Voltage versus Switching
Frequency (VIN = 24 V, iLED = 2 A, minimum tON and tOFF = 150 ns)
Figure 9. Minimum and Maximum Output Voltage versus iLED current
(VIN = 9 V, fSW = 1 MHz, minimum tON and tOFF = 150 ns)
24
22
20
18
16
14
12
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
fsw (MHz)
VOUT(max) (V)
VOUT(min) (V)
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
3.0
iLED (A)
VOUT(max) (V)
VOUT(min) (V)


Similar Part No. - NR8040T100M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T100M TAIYO-YUDEN-NR8040T100M Datasheet
146Kb / 1P
   SMD Power Inductors
NR8040T100M TAIYO-YUDEN-NR8040T100M Datasheet
300Kb / 3P
   SMD Power Inductors (NR series)
NR8040T100M TAIYO-YUDEN-NR8040T100M_19 Datasheet
300Kb / 3P
   SMD Power Inductors (NR series)
More results

Similar Description - NR8040T100M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Integrated Silicon Solu...
IS32LT3953 ISSI-IS32LT3953 Datasheet
386Kb / 10P
   CONSTANT-CURRENT 3-AMPERE PWM DIMMABLE
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
   PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
   Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com