Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX97200AEWC+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX97200AEWC+
Description  Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX97200AEWC+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX97200AEWC+ Datasheet HTML 5Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 6Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 7Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 8Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 9Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 10Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 11Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 12Page - Maxim Integrated Products MAX97200AEWC+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low-Power, Low-Offset, Dual Mode, Class H
DirectDrive Headphone Amplifier
10
RIN is the amplifier’s input resistance value. Choose CIN
such that f-3dB is well below the lowest frequency of
interest. Setting f-3dB too high affects the amplifier’s low
frequency. Capacitors with higher voltage coefficients,
such as ceramics, result in increased distortion at low
frequencies.
Charge-Pump Capacitor Selection
Use capacitors with an ESR less than 100mI for opti-
mum performance. Low ESR ceramic capacitors mini-
mize the output resistance of the charge pump. For best
performance over the extended temperature range,
select capacitors with an X7R dielectric.
Flying Capacitor (C1)
The value of the flying capacitor (C1) affects the load
regulation and output resistance of the charge pump. A
C1 value that is too small degrades the device’s ability
to provide sufficient current drive, which leads to a loss
of output voltage. Connect a 1FF capacitor between C1P
and C1N.
Output Capacitors (C2, C3)
The output capacitor value and ESR directly affect the
ripple at PVSS. Increasing the value of C2 and C3 reduc-
es output ripple. Likewise, decreasing the ESR of C2 and
C3 reduces both ripple and output resistance. Lower
capacitance values can be used in systems with low
maximum output power levels. Connect a 1FF capaci-
tor between PVDD and PGND. Connect a 1FF capacitor
between PVSS and PGND.
RF Susceptibility
Improvements to both layout and component selec-
tion can decrease the MAX97200 susceptibility to RF
noise and prevent RF signals from being demodulated
into audible noise. Trace lengths should be kept below
¼ of the wavelength of the RF frequency of interest.
Minimizing the trace lengths prevents the traces from
functioning as antennas and coupling RF signals into the
MAX97200. The wavelength (λ) in meters is given by:
λ
= c/f
where c = 3 x 108 m/s, and f is the RF frequency of
interest.
Route audio signals to the middle layers of the PCB to
allow the ground planes above and below to shield them
from RF interference. Ideally, the top and bottom layers
of the PCB should primarily be ground planes to create
effective shielding.
Additional RF immunity can also be obtained from rely-
ing on the self-resonant frequency of capacitors as
it exhibits the frequency response similar to a notch
filter. Depending on the manufacturer, 10pF to 20pF
capacitors typically exhibit self resonance at RF frequen-
cies. These capacitors when placed at the input pins
can effectively shunt the RF noise at the inputs of the
MAX97200. For these capacitors to be effective, provide
a low-impedance, low-inductance path from the capaci-
tors to the ground plane. Do not use microvias to con-
nect to the ground plane as these vias do not conduct
well at RF frequencies. Figure 3 shows headphone RF
immunity with a well laid out PCB.
Layout and Grounding
Proper layout and grounding are essential for optimum
performance. Use large traces for the power-supply
inputs and amplifier outputs to minimize losses due to
parasitic trace resistance, as well as route heat away
from the device. Good grounding improves audio per-
formance, minimizes crosstalk between channels, and
prevents switching noise from coupling into the audio
signal. Connect PGND and GND together at a single
point on the PCB. Route PGND and all traces that carry
switching transients away from GND, and the traces and
components in the audio signal path.
Connect C2 to the PGND plane. Place the charge-pump
capacitors (C1, C2) as close as possible to the device.
Bypass PVDD with a 1FF capacitor to PGND. Place the
bypass capacitors as close as possible to the device.
Figure 3. Headphone RF Immunity
HEADPHONE RF IMMUNITY
vs. FREQUENCY
FREQUENCY (MHz)
2500
2000
1500
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
1000
3000
LEFT CHANNEL
RIGHT CHANNEL


Similar Part No. - MAX97200AEWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97200AEWC++ MAXIM-MAX97200AEWC+ Datasheet
2Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
More results

Similar Description - MAX97200AEWC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97200 MAXIM-MAX97200 Datasheet
2Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 1; 3/10
MAX97200 MAXIM-MAX97200_11 Datasheet
1Mb / 13P
   Low-Power, Low-Offset, Dual Mode, Class H DirectDrive Headphone Amplifier
Rev 2; 3/11
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com