Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHW804-1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MHW804-1
Description  4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW804-1 Datasheet(HTML) 4 Page - Motorola, Inc

  MHW804-1 Datasheet HTML 1Page - Motorola, Inc MHW804-1 Datasheet HTML 2Page - Motorola, Inc MHW804-1 Datasheet HTML 3Page - Motorola, Inc MHW804-1 Datasheet HTML 4Page - Motorola, Inc MHW804-1 Datasheet HTML 5Page - Motorola, Inc MHW804-1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MHW804–1 MHW804–2
4
MOTOROLA RF DEVICE DATA
APPLICATIONS INFORMATION
NOMINAL OPERATION
All electrical specifications are based on the nominal con-
ditions of Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc (Pins 2, 3, 4,
5, 6) and Pout equal to 4.0 watts. With these conditions, maxi-
mum current density on any device is 1.5 x 105 A/cm2 and
maximum die temperature with 100
°C case operating tem-
perature is 165
°C. While the modules are designed to have
excess gain margin with ruggedness, operation of these
units outside the limits of published specifications is not rec-
ommended unless prior communications regarding intended
use have been made with the factory representative.
GAIN CONTROL
The module output should be limited to 4.0 watts. The pre-
ferred method of power output control is to fix Vs1 = Vs2 = Vs3
= Vs4 = Vs5 = 7.5 Vdc (Pins 2, 3, 4, 5, 6), Pin (Pin 1) at 1.0
mW, and vary Vcont (Pin 1) voltage.
DECOUPLING
Due to the high gain of the three stages and the module
size limitation, external decoupling networks require careful
consideration. Pins 2, 3, 4, and 6 are internally bypassed
with a 0.018
µF chip capacitor which is effective for frequen-
cies from 5.0 MHz through 925 MHz. For bypassing frequen-
cies below 5.0 MHz, networks equivalent to that shown in
Figure 1 are recommended. Inadequate decoupling will re-
sult in spurious outputs at certain operating frequencies and
certain phase angles of input and output VSWR.
LOAD MISMATCH
During final test, each module is load mismatch tested in a
fixture having the identical decoupling networks described in
Figure 1. Electrical conditions are Vs1 = Vs2 = Vs3 = Vs4
= Vs5 equal to 9.0 V, VSWR equal to 20:1, and output
power equal to 6.0 watts.


Similar Part No. - MHW804-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW803 MOTOROLA-MHW803 Datasheet
79Kb / 5P
   2 W, 806 to 905 MHz UHF POWER AMPLIFIERS
MHW807 MOTOROLA-MHW807 Datasheet
244Kb / 5P
   UHF POWER AMPLIFIERS
MHW807-1 MOTOROLA-MHW807-1 Datasheet
244Kb / 5P
   UHF POWER AMPLIFIERS
More results

Similar Description - MHW804-1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR144H APITECH-MR144H Datasheet
113Kb / 1P
   RF/LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
MR144M APITECH-MR144M Datasheet
114Kb / 1P
   RF / LO: 4.0 to 18.0 GHz IF: DC to 800 MHz
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Motorola, Inc
MHW903 MOTOROLA-MHW903 Datasheet
154Kb / 8P
   3.5 W 890 to 915 MHz RF POWER AMPLIFIERS
logo
List of Unclassifed Man...
PM2602 ETC2-PM2602 Datasheet
766Kb / 4P
   RFIC RF SWITCH 800 TO 2500 MHZ OPERATION
logo
Artesyn Technologies
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
logo
Analog Devices
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Motorola, Inc
MHW927A MOTOROLA-MHW927A Datasheet
166Kb / 6P
   6.0 W 824 to 849 MHz RF LINEAR POWER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com