Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1719380000 Datasheet(PDF) 11 Page - Weidmuller

Part # 1719380000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1719380000 Datasheet(HTML) 11 Page - Weidmuller

Back Button 1719380000 Datasheet HTML 7Page - Weidmuller 1719380000 Datasheet HTML 8Page - Weidmuller 1719380000 Datasheet HTML 9Page - Weidmuller 1719380000 Datasheet HTML 10Page - Weidmuller 1719380000 Datasheet HTML 11Page - Weidmuller 1719380000 Datasheet HTML 12Page - Weidmuller 1719380000 Datasheet HTML 13Page - Weidmuller 1719380000 Datasheet HTML 14Page - Weidmuller 1719380000 Datasheet HTML 15Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Cable glands
54
ADE 4F
EMC cable glands
For use in hazardous areas:
EEx e II,
EEx d IIB,
EEx d II C ≤ 2000 cm3
These cable glands are certified in accordance with
LCIE 97ATEX6008X.
On request: silicone sealing ring, halogen-free,
Working temperature: -70 °C - +220 °C.
High shielding factor up to 100 dB. An endless lock washer is
pressed against the cable armour by two conical rings; thus
guaranteeing a reliable and safe contact. This ensures that the
shield braiding is inserted into the enclosure.
Technical data
Material:
Nickel plated brass (on request stainless steel)
Sealing:
Neoprene
Temperature:
-40 °C - 100 °C
Protection class:
IP 68 (10 bar)
ATEX available
Technical data
Material:
Nickel plated brass
Sealing:
TPE-V /thermoplastic Elastomer
O-Ring:
Perbunan
Temperature:
-40°C ... +135°C (peak 150°C)
Protection class:
IP 68
Ordering data
Type
Thread Sealing Cable
Armoured
Cable
L
L1 SW1 SW2 Qty.
Cat. No.
ring Ø outside
Ø inside
Metric gland
VG ADE 4F/M 12 Exe/d M 12 x 1.5
5
6.0 - 12.0
0 - 0.9
4.0 - 8.0
51
15
19
19
5 1736810000
VG ADE 4F/M 16 Exe/d M 16 x 1.5
6
8.5 - 16.0
0 - 1.25
6.0 - 12.0
57
15
24
24
5 1736820000
VG ADE 4F/M 20 Exe/d M 20 x 1.5
7
12.0 - 21.0
0 - 1.25
8.5 - 15.5
61
15
30
30
2 1736830000
VG ADE 4F/M 25 Exe/d M 25 x 1.5
8
16.0 - 27.5
0 - 1.6
12.0 - 20.5
71
15
41
41
2 1736840000
VG ADE 4F/M 32 Exe/d M 32 x 1.5
9
21.0 - 34.0
0 - 1.6
16.0 - 27.5
78
15
48
48
2 1736850000
VG ADE 4F/M 40 Exe/d M 40 x 1.5
10 27.0 - 41.0
0 - 2
21.0 - 34.0
83
15
55
55
2 1736860000
VG ADE 4F/M 50 Exe/d M 50 x 1.5
11 33.0 - 48.0
0 - 2.5
27.0 - 41.0
90
16
64
64
1 1736870000
VG ADE 4F/M 63 Exe/d M 63 x 1.5
13 47.0 - 65.0
0 - 2.5
40.0 - 56.0 102
17
85
85
1 1736880000
VG ADE 4F/M 75 Exe/d M 75 x 1.5
14 54.0 - 74.0
0 - 2.5
47.0 - 65.0 110
18
95
95
1 1736890000
VG ADE 4F/M 80 Exe/d
M 80 x 2
15 63.0 - 83.0
0 - 3.15 54.0 - 73.0 124
20 110 110
1 1736900000
VG ADE 4F/M 90 Exe/d
M 90 x 2
16 72.0 - 93.0
0 - 3.15 63.0 - 82.0 130
22 120 120
1 1736910000
all sizes in mm
Ordering data
Type
Thread
Clamp range
Armour-Ø
L
SW
Qty.
Cat. No.
Metric cable glands brass
VG EMC M18x1.5 M 18x1.5
6.0 - 9.5
3.0 - 7.0
26.7
24
5
1706920000
VG EMC M20x1.5 M 20x1.5
7.0 - 11.0
4.0 - 8.5
26.7
24
5
1706940000
VG EMC M24x1.5 M 24x1.5
16.5 - 14.0
8.0 - 12.0
33.5
30
5
1706930000
VG EMC M25x1.5 M 25x1.5
16.5 - 14.0
8.0 - 12.0
33.5
30
5
1706950000
PG cable gland brass
VG EMC Pg 7/9
PG 7 / 9
4.0 - 6.0
1.5 - 4.0
32.9
17
20
1713870000
VG EMC Pg 9/11
PG 9 / 11
6.5 - 9.5
2.5 - 6.5
32.9
20
20
1706860000
VG EMC Pg 11
PG 11
6.0 - 9.0
3.5 - 7.5
39.6
24
20
1706870000
VG EMC Pg 13.5
PG 13.5
7.0 - 10.5
4.0 - 8.5
39.0
24
10
1706880000
VG EMC Pg 16
PG 16
10.0 - 14.0
8.0 - 13.0
40.5
30
10
1706890000
VG EMC Pg 16
PG 16
14.0 - 18.0
8.0 - 13.0
40.5
30
10
1713880000
VG EMC Pg 21
PG 21
14.0 - 18.0
10.0 - 15.0
40.5
35
10
1706900000
VG EMC Pg 21
PG 21
17.0 - 28.0
12.5 - 17.5
40.5
35
10
1713890000
VG EMC Pg 29
PG 29
22.0 - 26.0
15.0 - 21.0
43.5
40
5
1706910000
VG EMC Pg 29
PG 29
25.0 - 29.0
18.0 - 25.0
55.3
40
5
1713900000
VG EMC Pg 36
PG 36
32.0 - 27.0
18.0 - 25.0
55.3
40
5
1770410000
all sizes in mm
L
L
L1
T


Similar Part No. - 1719380000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719383 PHOENIX-1719383 Datasheet
89Kb / 6P
   PCB terminal block - SPT 5/ 9-V-7,5-ZB
More results

Similar Description - 1719380000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com