Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSHU551A Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSHU551A
Description  SPECIFICATIONS FOR UV LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSHU551A Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSHU551A Datasheet HTML 7Page - NICHIA CORPORATION NSHU551A Datasheet HTML 8Page - NICHIA CORPORATION NSHU551A Datasheet HTML 9Page - NICHIA CORPORATION NSHU551A Datasheet HTML 10Page - NICHIA CORPORATION NSHU551A Datasheet HTML 11Page - NICHIA CORPORATION NSHU551A Datasheet HTML 12Page - NICHIA CORPORATION NSHU551A Datasheet HTML 13Page - NICHIA CORPORATION NSHU551A Datasheet HTML 14Page - NICHIA CORPORATION NSHU551A Datasheet HTML 15Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NICHIA STS-DA1-2404 <Cat.No.120330>
10
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
管理番号
No.
NSHU551A
STS-DA7-2698
IfλD
369
371
373
375
377
379
381
110
100
TaλD
369
371
373
375
377
379
381
-60 -40 -20
0
20
40
60
80 100 120
20mA
IFP=
順電流-ピーク波長特性
Forward Current vs
Peak Wavelength
順電流
Forward Current(mA)
周囲温度-ピーク波長特性
Ambient Temperature vs
Peak Wavelength
周囲温度
Ambient Temperature(°C)
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
T
A=25°C


Similar Part No. - NSHU551A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
More results

Similar Description - NSHU551A

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100C-E NICHIA-NSSU100C-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSHU551A-E NICHIA-NSHU551A-E Datasheet
223Kb / 15P
   SPECIFICATIONS FOR UV LED
NCSU034B-E NICHIA-NCSU034B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU034B NICHIA-NCSU034B Datasheet
292Kb / 17P
   SPECIFICATIONS FOR UV LED
NVSU233B NICHIA-NVSU233B Datasheet
676Kb / 28P
   SPECIFICATIONS FOR UV LED
NSSU123 NICHIA-NSSU123 Datasheet
300Kb / 16P
   SPECIFICATIONS FOR UV LED
NSSU123T NICHIA-NSSU123T Datasheet
283Kb / 17P
   SPECIFICATIONS FOR UV LED
NCSU275 NICHIA-NCSU275 Datasheet
372Kb / 24P
   SPECIFICATIONS FOR UV LED
NC4U134A NICHIA-NC4U134A_13 Datasheet
322Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033C NICHIA-NCSU033C Datasheet
466Kb / 18P
   SPECIFICATIONS FOR UV LED
NCSU033B-E NICHIA-NCSU033B-E Datasheet
452Kb / 18P
   SPECIFICATIONS FOR UV LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com