Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSU100D Datasheet(PDF) 6 Page - NICHIA CORPORATION

Part # NSSU100D
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSU100D Datasheet(HTML) 6 Page - NICHIA CORPORATION

Back Button NSSU100D Datasheet HTML 2Page - NICHIA CORPORATION NSSU100D Datasheet HTML 3Page - NICHIA CORPORATION NSSU100D Datasheet HTML 4Page - NICHIA CORPORATION NSSU100D Datasheet HTML 5Page - NICHIA CORPORATION NSSU100D Datasheet HTML 6Page - NICHIA CORPORATION NSSU100D Datasheet HTML 7Page - NICHIA CORPORATION NSSU100D Datasheet HTML 8Page - NICHIA CORPORATION NSSU100D Datasheet HTML 9Page - NICHIA CORPORATION NSSU100D Datasheet HTML 10Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
-5-
(4) Recommended circuit
· In designing a circuit, the current through each LED must not exceed the absolute maximum rating
specified for each LED. It is recommended to use Circuit B which regulates the current flowing
through each LED. In the meanwhile, when driving LEDs with a constant voltage in Circuit A, the
current through the LEDs may vary due to the variation in forward voltage (VF) of the LEDs. In the
worst case, some LED may be subjected to stresses in excess of the absolute maximum rating.
· This product should be operated in forward bias. A driving circuit must be designed so that the product
is not subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is
continuously applied to the product, such operation can cause migration resulting in LED damage.
· For stabilizing the LED characteristics, it is recommended to operate at 10% of the rated current or
higher.
· Nichia makes the utmost efforts to improve the quality and reliability of its semiconductor products,
however the failure and malfunction of a certain percentage is unavoidable due to their properties.
As a responsibility of the Customer, sufficient measures should be given to ensuring safe design in
Customer products, such as redundancy, fire-containment and anti-failure features to prevent accidents
resulting in injury or death, fire or other social damage arising from these failure and malfunction.
(5) Static Electricity
· Static electricity or surge voltage damages the LEDs.
It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs.
· All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
· When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
It is easy to find static-damaged
LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended).
The LEDs
should be used the light detector etc. when testing the light-on. Do not stare into the LEDs when testing.
· Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower,
or the LEDs do not light at the low current.
Criteria : (VF > 2.0V at IF=0.5mA)
(A)
(B)
Nichia STS-DA1-1207
<Cat.No.100831>


Similar Part No. - NSSU100D

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSU100D-E NICHIA-NSSU100D-E Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSSU100DT NICHIA-NSSU100DT Datasheet
307Kb / 17P
   SPECIFICATIONS FOR UV LED
NSSU100DT NICHIA-NSSU100DT Datasheet
279Kb / 18P
   UV LED
NSSU100DT NICHIA-NSSU100DT_18 Datasheet
279Kb / 18P
   UV LED
More results

Similar Description - NSSU100D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSHU590B ETC-NSHU590B Datasheet
246Kb / 14P
   SPECIFICATIONS FOR NICHIA UV LED
NSHU590A ETC1-NSHU590A Datasheet
324Kb / 14P
   SPECIFICATIONS FOR NICHIA UV LED
logo
NICHIA CORPORATION
NSHU551B NICHIA-NSHU551B Datasheet
555Kb / 12P
   SPECIFICATIONS FOR NICHIA UV LED
NSSB100BT NICHIA-NSSB100BT Datasheet
369Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSB426CT NICHIA-NSSB426CT Datasheet
440Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSG100BT NICHIA-NSSG100BT Datasheet
372Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE GREEN LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCB100AT ETC2-NSCB100AT Datasheet
485Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com