Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUV612T Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NUV612T
Description  Tunable Laser Module CORE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NUV612T Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NUV612T Datasheet HTML 1Page - NICHIA CORPORATION NUV612T Datasheet HTML 2Page - NICHIA CORPORATION NUV612T Datasheet HTML 3Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-1-
[YTB-SC0011-01]
2012/4/12
Tunable Laser Module CORE
NUV612T
TEST Sample
Outline
NUV612T is Simple Tunable Single Longitudinal Mode Lasers for industrial use and R&D etc.
Features
• Single Longitudinal Mode Laser : SMSR 30dB
• Wavelength Tunable
• Flexibility
Absolute Maximum Ratings (Ta=23°C unless otherwise noted)
*1: Without dewfall.
Initial Electrical/Optical Characteristics
(Ta=23°C unless otherwise noted)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
CW, 405nm
Po
-
-
45
mW
Threshold Current
CW, 405nm
Ith
-
35
-
mA
Forward Current
CW, 405nm
Iop
-
90
105
mA
Forward Voltage
CW, 405nm, IF=90mA
VF
-
4.6
-
V
Spectral Side Modes
CW, IF=90mA
SMSR
-
30
-
dB
Tuning Band Center Wavelength
CW, IF=90mA
λ
C
403
405
407
nm
Tuning Range
CW, IF=90mA
TR
λpk±3
λpk±4
-
nm
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
This model is TEST Sample for evaluation or design purpose only. Life time is not guaranteed.
The above specifications are for reference purpose only and subjected to change without prior notice.
NICHIA CORPORATION
http://www.nichia.co.jp
SALES CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
TECHNICAL CONTACT
YOKOHAMA TECHNOLOGY CENTER
13-19, 3-Chome, Moriya-Cho, Kanagawa-Ku, Yokohama-shi, KANAGAWA 221-0022, JAPAN
PHONE: +81-45-444-0030
FAX: +81-45-444-0032
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power
Po
65
mW
LD Reverse Voltage
Vr
2
V
Storage Temperature
Tstg
-20 ~ 60
deg.C
Operating Case
Temperature
Tc
20 ~ 30
deg.C
Operating Relative
Humidity
RH
85 *1
%


Similar Part No. - NUV612T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUV612T-E NICHIA-NUV612T-E Datasheet
225Kb / 3P
   Tunable Laser Module CORE
More results

Similar Description - NUV612T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
   Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
   Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
   Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
   Tunable Laser Module CORE
NUV614T NICHIA-NUV614T Datasheet
420Kb / 3P
   Tunable Laser Module CORE
NUV612T-E NICHIA-NUV612T-E Datasheet
225Kb / 3P
   Tunable Laser Module CORE
NUV614T-E NICHIA-NUV614T-E Datasheet
229Kb / 3P
   Tunable Laser Module CORE
NUV611T-E NICHIA-NUV611T-E Datasheet
226Kb / 3P
   Tunable Laser Module CORE
NUB611T-E NICHIA-NUB611T-E Datasheet
244Kb / 3P
   Tunable Laser Module CORE
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
   Tunable Laser Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com