Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29EE011-15 Datasheet(PDF) 2 Page - Winbond

Part # W29EE011-15
Description  128K X 8 CMOS FLASH MEMORY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE011-15 Datasheet(HTML) 2 Page - Winbond

  W29EE011-15 Datasheet HTML 1Page - Winbond W29EE011-15 Datasheet HTML 2Page - Winbond W29EE011-15 Datasheet HTML 3Page - Winbond W29EE011-15 Datasheet HTML 4Page - Winbond W29EE011-15 Datasheet HTML 5Page - Winbond W29EE011-15 Datasheet HTML 6Page - Winbond W29EE011-15 Datasheet HTML 7Page - Winbond W29EE011-15 Datasheet HTML 8Page - Winbond W29EE011-15 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
W29EE011
- 2 -
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
DQ0
DQ1
DQ2
GND
A7
A6
A5
A4
A3
A2
A1
A0
NC
A16
A15
A12
V
WE
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DD
NC
32-pin
DIP
5
6
7
9
10
11
12
13
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
29
28
27
26
25
24
23
22
21
30
31
32
1
2
3
4
8
20
19
18
17
16
15
14
D
Q
1
D
Q
2
G
N
D
D
Q
3
D
Q
4
D
Q
5
D
Q
6
A14
A13
A8
A9
A11
OE
A10
CE
DQ7
A
1
2
A
1
6
N
C
V
D
D
/
W
E
A
1
5
32-pin
PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
32-pin
TSOP
A15
A12
A7
A6
A5
A4
V
WE
A14
A13
A8
DD
A11
A9
NC
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
NC
N
C
BLOCK DIAGRAM
CONTROL
OUTPUT
BUFFER
DECODER
CORE
ARRAY
CE
OE
WE
A0
.
.
A16
.
.
DQ0
DQ7
VDD
VSS
PIN DESCRIPTION
SYMBOL
PIN NAME
A0
−A16
Address Inputs
DQ0
−DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VDD
Power Supply
GND
Ground
NC
No Connection


Similar Part No. - W29EE011-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE011-15

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Intel Corporation
28F0101024K INTEL-28F0101024K Datasheet
895Kb / 33P
   28F010 1024K (128K X 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com