Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29EE512P-70 Datasheet(PDF) 8 Page - Winbond

Part # W29EE512P-70
Description  64K X 8 CMOS FLASH MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE512P-70 Datasheet(HTML) 8 Page - Winbond

Back Button W29EE512P-70 Datasheet HTML 4Page - Winbond W29EE512P-70 Datasheet HTML 5Page - Winbond W29EE512P-70 Datasheet HTML 6Page - Winbond W29EE512P-70 Datasheet HTML 7Page - Winbond W29EE512P-70 Datasheet HTML 8Page - Winbond W29EE512P-70 Datasheet HTML 9Page - Winbond W29EE512P-70 Datasheet HTML 10Page - Winbond W29EE512P-70 Datasheet HTML 11Page - Winbond W29EE512P-70 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
W29EE512
- 8 -
Command Codes for Product Identification
BYTE
SEQUENCE
ALTERNATE SOFTWARE (5)
PRODUCT IDENTIFICATION
ENTRY
SOFTWARE PRODUCT
IDENTIFICATION ENTRY
SOFTWARE PRODUCT
IDENTIFICATION EXIT
ADDRESS
DATA
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555H
AAH
5555H
AAH
5555H
AAH
1 Write
2AAAH
55H
2AAAH
55H
2AAAH
55H
2 Write
5555H
90H
5555H
80H
5555H
F0H
3 Write
-
-
5555H
AAH
-
-
4 Write
-
-
2AAAH
55H
-
-
5 Write
-
-
5555H
60H
-
-
Pause 10
µS
Pause 10
µS
Pause 10
µS
Software Product Identification Acquisition Flow
Product Identification Entry (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 60
to
address 5555
Product Identification Mode (2,3)
Read address = 0
data = DA
Read address = 1
data = C8
Product Identification Exit (1)
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data FO
to
address 5555
Normal Mode
(4)
Pause 10 S
µ
Pause 10 S
µ
Notes for software product identification:
(1) Data format: DQ7
− DQ0 (Hex); address format: A14 − A0 (Hex).
(2) A1
− A16 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification mode if power down.
(4) The device returns to standard operation mode.
(5) This product supports both the JEDEC standard 3 byte command code sequence and original 6 byte command code
sequence. For new designs, Winbond recommends that the 3 byte command code sequence be used.


Similar Part No. - W29EE512P-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-15 WINBOND-W29EE011-15 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-90 WINBOND-W29EE011-90 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01115B WINBOND-W29EE01115B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01190B WINBOND-W29EE01190B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE512P-70

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com