Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C020T-70 Datasheet(PDF) 5 Page - Winbond

Part # W29C020T-70
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020T-70 Datasheet(HTML) 5 Page - Winbond

  W29C020T-70 Datasheet HTML 1Page - Winbond W29C020T-70 Datasheet HTML 2Page - Winbond W29C020T-70 Datasheet HTML 3Page - Winbond W29C020T-70 Datasheet HTML 4Page - Winbond W29C020T-70 Datasheet HTML 5Page - Winbond W29C020T-70 Datasheet HTML 6Page - Winbond W29C020T-70 Datasheet HTML 7Page - Winbond W29C020T-70 Datasheet HTML 8Page - Winbond W29C020T-70 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
W29C020
Publication Release Date: February 1998
- 5 -
Revision A3
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W29C020 provides another method for determining the end of a write
cycle. During the internal write cycle, any consecutive attempts to read DQ6 will produce alternating
0's and 1's. When the write cycle is completed, this toggling between 0's and 1's will stop. The device
is then ready for the next operation. See Toggle Bit Timing Diagram.
Product Identification
The product ID operation outputs the manufacturer code and device code. The programming
equipment automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed through software or by hardware operation. In
the software access mode, a six-byte command sequence can be used to access the product ID. A
read from address "00000 hex" outputs the manufacturer code "DA hex." A read from address "00001
hex" outputs the device code "45 hex." The product ID operation can be terminated by a three-byte
command sequence.
In the hardware access mode, access to the product ID is activated by forcing CE and OE low, WE
high, and raising A9 to 12 volts.
TABLE OF OPERATING MODES
Operating Mode Selection
Operating Range: 0 to 70
° C (Ambient Temperature), VDD = 5V ±10%, VSS = 0V, VHH = 12V
MODE
PINS
CE
OE
WE
ADDRESS
DQ.
Read
VIL
VIL
VIH
AIN
Dout
Write
VIL
VIH
VIL
AIN
Din
Standby
VIH
X
X
X
High Z
Write Inhibit
X
VIL
X
X
High Z/DOUT
X
X
VIH
X
High Z/DOUT
Output Disable
X
VIH
X
X
High Z
5-Volt Software Chip Erase
VIL
VIH
VIL
AIN
DIN
Product ID
VIL
VIL
VIH
A0 = VIL; A1
−A17 = VIL;
A9 = VHH
Manufacturer Code DA
(Hex)
VIL
VIL
VIH
A0 = VIH; A1
−A17 = VIL;
A9 = VHH
Device Code
45 (Hex)


Similar Part No. - W29C020T-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020T-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com