Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F201 Datasheet(PDF) 1 Page - Winbond

Part # W49F201
Description  128K X 16 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F201 Datasheet(HTML) 1 Page - Winbond

  W49F201 Datasheet HTML 1Page - Winbond W49F201 Datasheet HTML 2Page - Winbond W49F201 Datasheet HTML 3Page - Winbond W49F201 Datasheet HTML 4Page - Winbond W49F201 Datasheet HTML 5Page - Winbond W49F201 Datasheet HTML 6Page - Winbond W49F201 Datasheet HTML 7Page - Winbond W49F201 Datasheet HTML 8Page - Winbond W49F201 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Preliminary W49F201
128K
× 16 CMOS FLASH MEMORY
Publication Release Date: June 1999
- 1 -
Revision A1
GENERAL DESCRIPTION
The W49F201 is a 2-megabit, 5-volt only CMOS flash memory organized as 128K
× 16 bits. The
device can be programmed and erased in-system with a standard 5V power supply. A 12-volt VPP is
not required. The unique cell architecture of the W49F201 results in fast program/erase operations
with extremely low current consumption (compared to other comparable 5-volt flash memory
products). The device can also be programmed and erased using standard EPROM programmers.
FEATURES
Single 5-volt operations:
− 5-volt Read/Erase/Program
Fast Program operation:
− Word-by-Word programming: 50 µS (max.)
Fast Erase operation: 60 mS (typ.)
Fast Read access time: 45/55 nS
Endurance: 1K/10K cycles (typ.)
Ten-year data retention
Hardware data protection
Sector configuration
− One 8K words boot block with lockout
protection
− Two 8K words parameter blocks
− One 104K words (208K bytes) Main Memory
Array Blocks
Low power consumption
− Active current: 25 mA (typ.)
− Standby current: 20 µA (typ.)
Automatic program and erase timing with
internal VPP generation
End of program or erase detection
− Toggle bit
− Data polling
Latched address and data
TTL compatible I/O
JEDEC standard word-wide pinouts
Available packages: 44-pin SOP, 48-pin TSOP


Similar Part No. - W49F201

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F201

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Austin Semiconductor
AS8SF384K32 AUSTIN-AS8SF384K32 Datasheet
195Kb / 14P
   128K x 16 SRAM & 512K x 16 FLASH SRAM / FLASH MEMORY ARRAY
logo
ATMEL Corporation
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com