Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-224 Datasheet(PDF) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-224
Description  LITE-ON TECHNOLOGY CORPORATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-224 Datasheet(HTML) 9 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-224 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. LTV-224 Datasheet HTML 13Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
INPUT
Forward Voltage
VF
1.2
1.4
V
IF=20mA
Terminal Capacitance
Ct
60
pF
V=0, f=1KHz
OUTPUT
Collector Dark Current
ICEO
100
nA
VCE=48V, IF=0
Collector-Emitter
Breakdown Voltage
BVCEO
80
V
IC=0.1mA
IF=0
Emitter-Collector
Breakdown Voltage
BVECO
7
V
IE=10
µA
IF=0
TRANSFER
CHARACTERISTICS
Collector Current
IC
0.2
4
mA
IF= 1mA
VCE=5V
*1 Current Transfer Ratio
CTR
20
400
%
Saturated Current
Ic (sat)
4.8
mA
IF=8mA
VCE=2.4V
Saturated CTR
CTR (sat)
60
%
Collector-Emitter
Saturation Voltage
VCE(sat)
0.4
V
IF=8mA
IC=2.4mA
Isolation Resistance
Riso
5
×1010 1×1011
DC500V
40 ~ 60% R.H.
Floating Capacitance
Cf
0.6
1
pF
V=0, f=1MHz
Response Time (Rise)
tr
2
µs
VCE=10V, IC=2mA
RL=100
Response Time (Fall)
tf
3
µs
Turn-On Time
ton
3
us
Turn-Off Time
toff
3
us
Turn-On Time
tON
2
us
VCE=5V, IC=16mA
RL=1.9K
Storage Time
ts
25
us
Turn-Off Time
tOFF
40
us
*1 CTR
I
I
100%
C
F
=
×
Part No.
: LTV-214 / 224 / 244 Series
Page
: 9 of 16
BNS-OD-C131/A4


Similar Part No. - LTV-224

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-227 TENAND-LTV-227 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTV-227 LITEON-LTV-227 Datasheet
402Kb / 16P
   Photocoupler
More results

Similar Description - LTV-224

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com