Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-247 Datasheet(PDF) 8 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-247
Description  LITE-ON TECHNOLOGY CORPORATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-247 Datasheet(HTML) 8 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-247 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-247 Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
ABSOLUTE MAXIMUM RATING
( Ta = 25
°C )
RATING
PARAMETER
SYMBOL
217
227
247
UNIT
Forward Current
IF
50
mA
Reverse Voltage
VR
6
V
INPUT
Power Dissipation
P
70
mW
Collector - Emitter Voltage
VCEO
70
V
Emitter - Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
OUTPUT
Collector Power Dissipation
PC
150
100
mW
Total Power Dissipation
Ptot
200
170
mW
*1
Isolation Voltage
Viso
3,000
Vrms
Operating Temperature
Topr
-55 ~ +100
°C
Storage Temperature
Tstg
-55 ~ +150
°C
*2
Soldering Temperature
Tsol
260 (10s)
°C
*1. AC For 1 Minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1) Short between anode and cathode on the primary side and between collector and
emitter on the secondary side.
(2) The isolation voltage tester with zero-cross circuit shall be used.
(3) The waveform of applied voltage shall be a sine wave.
*2. For 10 Seconds
Part No. : LTV-217, LTV-227, LTV-247 ( Preliminary Data Sheet)
Page :
8 of 13
BNS-OD-C131/A4


Similar Part No. - LTV-247

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-247 LITEON-LTV-247 Datasheet
402Kb / 16P
   Photocoupler
More results

Similar Description - LTV-247

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com