Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-733S-TA1 Datasheet(PDF) 7 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-733S-TA1
Description  Property of Lite-On Only
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-733S-TA1 Datasheet(HTML) 7 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV-733S-TA1 Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-733S-TA1 Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
CHARACTERISTICS CURVES
Fig.1 Forward Current vs.
Fig.2 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Forward Current vs. Forward
0
-30
Collector-emitter Voltage
Fig.6 Collector Current vs.
Current
Fig.5 Current Transfer Ratio vs. Forward
Ic= 10mA
Fig.3 Collector-emitter saturation
Voltage vs. Forward current
Forward current (mA)
Collector-emitter voltage (V)
Forward voltage (V)
Forward current (mA)
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
0
204060
80
100
60
-30
0
40
0
20
60
80
100
50
100
150
200
0.5
1
0.7
1.9
0
0
2468
10
40
0.1
0
1
10
100
0
0
10
Ambient Temperature
o
o
Voltage
IF= 50mA
30mA
20mA
10mA
VCE=5V
20
40
60
100
120
140
10
100
8
6
4
2
50
40
30
20
10
7mA
5mA
3mA
2mA
1mA
612
15
9
3
80
40mA
5mA
50
60
30
20
10
1.1
1.3
1.5
1.7
0.9
100 C
o
80 C
o
60 C
o
20 C
o
40 C
o
PC (MAX.)
Part No. : LTV-733 ( M, S, -TA1 )
Page :
7of 9
BNS-OD-C131/A4


Similar Part No. - LTV-733S-TA1

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-733S LITEON-LTV-733S Datasheet
220Kb / 9P
   Property of LITE-ON Only
More results

Similar Description - LTV-733S-TA1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com