Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTV-3150S-TA Datasheet(PDF) 8 Page - Shenzhen Tenand Technology Co., Ltd.

Part # LTV-3150S-TA
Description  Property of Lite-on Only
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Direct Link  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV-3150S-TA Datasheet(HTML) 8 Page - Shenzhen Tenand Technology Co., Ltd.

Back Button LTV-3150S-TA Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 5Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 6Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 7Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 8Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 9Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 10Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 11Page - Shenzhen Tenand Technology Co., Ltd. LTV-3150S-TA Datasheet HTML 12Page - Shenzhen Tenand Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of Lite-on Only
Part No. :
LTV-3150 series (REV. 1, MAY 18,2011 )
Page
8
of
18
Absolute Maximum Ratings
Ambient temperature = 25
oC, unless otherwise specified. Stresses exceeding the absolute maximum
ratings can cause permanent damage to the device. Exposure to absolute maximum ratings for long periods
of time can adversely affect reliability.
Parameter
Symbol
Min
Max
Units
Storage Temperature
TST
-55
125
oC
Operating Temperature
TA
-40
100
oC
Isolation Voltage
VISO
5000
VRMS
Supply Voltage
VCC
0
35
V
Lead Solder Temperature
(9)
TSOL
260
°C
Input
Average Forward Input Current
IF(AVG)
25
mA
Reverse Input Voltage
VR
5
V
Peak Transient Input Current
(<1 µs pulse width, 300 pps)
IF(TRAN)
1
A
Input Current (Rise/Fall Time)
tr(IN) /tf(IN)
500
ns
Input Power Dissipation
(10)
PI
45
mW
Output
“High” Peak Output Current
(1)
IOH(PEAK)
0.6
A
“Low” Peak Output Current
(1)
IOL(PEAK)
-0.6
A
Output Voltage
VO
VCC
V
Output Power Dissipation
(11)
PO
250
mW
Total Power Dissipation
PT
295
mW
8)
At least a 0.1uF or bigger bypass capacitor must be connected across pin 8 and pin
5. Failure to provide the bypass may impair the switching property.
9)
260
oC for 10 seconds. Refer to Lead Free Reflow Profile
10)
Derating Linearly above 70
oC free-air temperature at a rate of 0.47 mW/oC
11)
Derating Linearly above 70
oC free-air temperature at a rate of 4.8mW/oC


Similar Part No. - LTV-3150S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-3120S-TA TENAND-LTV-3120S-TA Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-3120S-TA1 TENAND-LTV-3120S-TA1 Datasheet
478Kb / 18P
   Property of Lite-on Only
More results

Similar Description - LTV-3150S-TA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com