Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49V002FAP Datasheet(PDF) 4 Page - Winbond

Part # W49V002FAP
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAP Datasheet(HTML) 4 Page - Winbond

  W49V002FAP Datasheet HTML 1Page - Winbond W49V002FAP Datasheet HTML 2Page - Winbond W49V002FAP Datasheet HTML 3Page - Winbond W49V002FAP Datasheet HTML 4Page - Winbond W49V002FAP Datasheet HTML 5Page - Winbond W49V002FAP Datasheet HTML 6Page - Winbond W49V002FAP Datasheet HTML 7Page - Winbond W49V002FAP Datasheet HTML 8Page - Winbond W49V002FAP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
W49V002FA
- 4 -
Program Operation
The W49V002FA is programmed on a byte-by-byte basis. Program operation can only change logical
data "1" to logical data "0." The erase operation, which changed entire data in main memory and/or
boot block from "0" to "1", is needed before programming.
The program operation is initiated by a 4-byte command cycle (see Command Codes for Byte
Programming). The device will internally enter the program operation immediately after the byte-
program command is entered. The internal program timer will automatically time-out (100
µS max. -
TBP) once it is completed and then return to normal read mode. Data polling and/or Toggle Bits can be
used to detect end of program cycle.
Boot Block Operation and Hardware Protection at Initial- #TBL & #WP
There are two alternatives to set the boot block. One is software command sequences method; the
other is hardware method. 16K-byte in the top location of this device can be locked as boot block,
which can be used to store boot codes. It is located in the last 16K bytes of the memory with the
address range from 3C000(hex) to 3FFFF(hex).
Please see Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is
set, the data for the designated block cannot be erased or programmed (programming lockout), other
memory locations can be changed by the regular programming method.
Besides the software method, there is a hardware method to protect the top boot block and other
sectors. Before program/erase to this device, set the #TBL pin to low state and then the top boot block
will not be programmed/erased. When enabling hardware top boot block, #TBL being low state, it will
override the software method setting. That is, if #TBL is at low state, then top boot block cannot be
programmed/erased no matter how the software boot block lock setting.
Another pin, #WP, will protect the whole chip if this pin is set to low state before program/erase. The
enable of this pin will override the #TBL setting. That is, the top boot block cannot be
programmed/erased if this pin is set to low no matter how the #TBL or software boot block lock setting.
Hardware Data Protection
The integrity of the data stored in the W49V002FA is also hardware protected in the following ways:
(1) Noise/Glitch Protection: A #WE pulse of less than 15 nS in duration will not initiate a write cycle.
(2) VDD Power Up/Down Detection: The programming and read operation are inhibited when VDD is
less than 1.5V typical.
(3) Write Inhibit Mode: Forcing #OE low or #WE high will inhibit the write operation. This prevents
inadvertent writes during power-up or power-down periods.
(4) VDD power-on delay: When VDD has reached its sense level, the device will automatically time-out 5
mS before any write (erase/program) operation.
Data Polling (DQ7)- Write Status Detection
The W49V002FA includes a data polling feature to indicate the end of a program or erase cycle.
When the W49V002FA is in the internal program or erase cycle, any attempts to read DQ7 of the last
byte loaded will receive the complement of the true data. Once the program or erase cycle is
completed, DQ7 will show the true data. Note that DQ7 will show logical "0" during the erase cycle, and
when erase cycle has been completed it becomes logical "1" or true data.


Similar Part No. - W49V002FAP

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AP WINBOND-W49V002AP Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AQ WINBOND-W49V002AQ Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W49V002FAP

ManufacturerPart #DatasheetDescription
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
   256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
   512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com