Electronic Components Datasheet Search |
|
1738590000 Datasheet(PDF) 10 Page - Weidmuller |
|
1738590000 Datasheet(HTML) 10 Page - Weidmuller |
10 / 22 page Cable glands 53 Plastic cable glands with strain relief spiral cap Cable Gland ADE 1F Cable gland specially for moveable connections.; Approvals to VDE and UL; halogen-free. Reduced clamping range on request EN 50262: metric For use in hazardous areas EEx e II, EEx d IIB, EEx d II C ≤ 2000 cm3 These cable glands are certified in accordance with LCIE 97ATEX6008X. Technical data Material: Polyamide 6 Sealing: Neoprene Temperature: -40°C...+70°C (peak 150°C) Protection class: IP 68 / 5 bar with GWDR Colour: similar grey RAL 7035 (on request 9005) Technical data Material: Nickel plated brass (on request stainless steel) Sealing: Neoprene Temperature: -40 °C - 100 °C Protection class: IP 68 (10 bar) ATEX available Ordering data Type Thread Clamp range L L1 SW Qty. Cat. No. Metric.plastic-KV with strain relief spiral cap VGM12-K68 SKS M 12 x 1.5 3.0 - 6.5 66.5 8 15 100 1776700000 VGM16-K68 SKS M 16 x 1.5 5.0 - 10.0 80 10 22 50 1776710000 VGM20-K68 SKS M 20 x 1.5 6.0 - 12.0 106 11 24 50 1778860000 VGM20-K68 SKS M 20 x 1.5 10.0 - 14.0 106 15 27 50 1776720000 VGM25-K68 SKS M 25 x 1.5 13.0 - 18.0 129 15 33 25 1776730000 PG plastic cable glands with strain relief spiral cap VG 7-K68 SKS PG 7 3.0 - 6.5 62 8 15 50 1720470000 VG 9-K68 SKS PG 9 4.0 - 8.0 78 8 19 50 1720480000 VG 11-K68 SKS PG 11 5.0 - 10.0 84 8 22 50 1720490000 VG 13.5-K68 SKS PG 13.5 6.0 - 12.0 105 9 24 50 1720500000 VG 16-K68 SKS PG 16 10.0 - 14.0 117 10 27 25 1720510000 VG 21-K68 SKS PG 21 13.0 - 18.0 130 11 33 20 1720520000 all sizes in mm Ordering data Type Thread Protecting cap Clamp range LL1 SW1 SW2 Qty. Cat. No. Metric cable glands VG ADE 1/M 12 Exe/d M 12 x 1.5 4 4.0 - 8.0 35 15 15 15 5 1736690000 VG ADE 1/M 16 Exe/d M 16 x 1.5 5 6.0 - 12.0 37 15 19 19 5 1736700000 VG ADE 1/M 20 Exe/d M 20 x 1.5 6 8.5 - 16.0 40 15 24 24 2 1736710000 VG ADE 1/M 25 Exe/d M 25 x 1.5 7 12.0 - 20.5 42 15 30 30 2 1736720000 VG ADE 1/M 32 Exe/d M 32 x 1.5 8 16.0 - 27.5 49 15 41 41 2 1736730000 VG ADE 1/M 40 Exe/d M 40 x 1.5 9 21.0 - 34.0 51 15 48 48 2 1736740000 VG ADE 1/M 50 Exe/d M 50 x 1.5 10 27.0 - 41.0 55 16 55 55 1 1736750000 VG ADE 1/M 63 Exe/d M 63 x 1.5 12 40.0 - 56.0 60 17 72 72 1 1736760000 VG ADE 1/M 75 Exe/d M 75 x 1.5 13 47.0 - 65.0 67 18 85 85 1 1736770000 VG ADE 1/M 80 Exe/d M 80 x 2 14 54.0 - 73.0 76 20 95 95 1 1736780000 VG ADE 1/M 90 Exe/d M 90 x 2 15 63.0 - 82.0 83 22 110 110 1 1736790000 VG ADE 1/M 100 Exe/d M 100 x 2 16 72.0 - 92.0 84 22 120 120 1 1736800000 all sizes in mm T |
Similar Part No. - 1738590000 |
|
Similar Description - 1738590000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |