Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29EE512T-90B Datasheet(PDF) 3 Page - Winbond

Part # W29EE512T-90B
Description  64K X 8 CMOS FLASH MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29EE512T-90B Datasheet(HTML) 3 Page - Winbond

  W29EE512T-90B Datasheet HTML 1Page - Winbond W29EE512T-90B Datasheet HTML 2Page - Winbond W29EE512T-90B Datasheet HTML 3Page - Winbond W29EE512T-90B Datasheet HTML 4Page - Winbond W29EE512T-90B Datasheet HTML 5Page - Winbond W29EE512T-90B Datasheet HTML 6Page - Winbond W29EE512T-90B Datasheet HTML 7Page - Winbond W29EE512T-90B Datasheet HTML 8Page - Winbond W29EE512T-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
W29EE512
Publication Release Date: February 18, 2002
- 3 -
Revision A7
FUNCTIONAL DESCRIPTION
Read Mode
The read operation of the W29EE512 is controlled by #CE and #OE, both of which have to be low for
the host to obtain data from the outputs. #CE is used for device selection. When #CE is high, the chip
is de-selected and only standby power will be consumed. #OE is the output control and is used to gate
data from the output pins. The data bus is in high impedance state when either #CE or #OE is high.
Refer to the timing waveforms for further details.
Page Write Mode
The W29EE512 is programmed on a page basis. Every page contains 128 bytes of data. If a byte of
data within a page is to be changed, data for the entire page must be loaded into the device. Any byte
that is not loaded will be erased to "FFh" during programming of the page.
The write operation is initiated by forcing #CE and #WE low and #OE high. The write procedure
consists of two steps. Step 1 is the byte-load cycle, in which the host writes to the page buffer of the
device. Step 2 is an internal programming cycle, during which the data in the page buffers are
simultaneously written into the memory array for non-volatile storage.
During the byte-load cycle, the addresses are latched by the falling edge of either #CE or #WE,
whichever occurs last. The data are latched by the rising edge of either #CE or #WE, whichever occurs
first. If the host loads a second byte into the page buffer within a byte-load cycle time (TBLC) of 200
µS, after the initial byte-load cycle, the W29EE512 will stay in the page load cycle. Additional bytes can
then be loaded consecutively. The page load cycle will be terminated and the internal programming
cycle will start if no additional byte is loaded into the page buffer A7 to A15 specify the page address. All
bytes that are loaded into the page buffer must have the same page address. A0 to A6 specify the byte
address within the page. The bytes may be loaded in any order; sequential loading is not required.
In the internal programming cycle, all data in the page buffers, i.e., 128 bytes of data, are written
simultaneously into the memory array. Before the completion of the internal programming cycle, the
host is free to perform other tasks such as fetching data from other locations in the system to prepare
to write the next page.
Software-protected Data Write
The device provides a JEDEC-approved optional software-protected data write. Once this scheme is
enabled, any write operation requires a series of three-byte program commands (with specific data to a
specific address) to be performed before the data load operation. The three-byte load command
sequence begins the page load cycle, without which the write operation will not be activated. This write
scheme provides optimal protection against inadvertent write cycles, such as cycles triggered by noise
during system power-up and power-down.
The W29EE512 is shipped with the software data protection enabled. To enable the software data
protection scheme, perform the three-byte command cycle at the beginning of a page load cycle. The
device will then enter the software data protection mode, and any subsequent write operation must be
preceded by the three-byte program command cycle. Once enabled, the software data protection will
remain enabled unless the disable commands are issued. A power transition will not reset the software
data protection feature. To reset the device to unprotected mode, a six-byte command sequence is
required.


Similar Part No. - W29EE512T-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-15 WINBOND-W29EE011-15 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE011-90 WINBOND-W29EE011-90 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01115B WINBOND-W29EE01115B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29EE01190B WINBOND-W29EE01190B Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29EE512T-90B

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
   512K 64K x 8 3-volt Only CMOS Flash Memory
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com