Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F002 Datasheet(PDF) 6 Page - Winbond

Part # W49F002
Description  256K X 8 CMOS FLASH MEMORY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F002 Datasheet(HTML) 6 Page - Winbond

Back Button W49F002 Datasheet HTML 2Page - Winbond W49F002 Datasheet HTML 3Page - Winbond W49F002 Datasheet HTML 4Page - Winbond W49F002 Datasheet HTML 5Page - Winbond W49F002 Datasheet HTML 6Page - Winbond W49F002 Datasheet HTML 7Page - Winbond W49F002 Datasheet HTML 8Page - Winbond W49F002 Datasheet HTML 9Page - Winbond W49F002 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
W49F002U
- 6 -
TABLE OF COMMAND DEFINITION
(1)
COMMAND
NO.
OF
1ST
CYCLE
2ND
CYCLE
3RD
CYCLE
4TH
CYCLE
5TH
CYCLE
6TH
CYCLE
DESCRIPTION
Cycles Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data Addr. Data
Read
1
AIN DOUT
Chip Erase
6
5555 AA 2AAA 55 5555 80 5555 AA
2AAA 55
5555 10
Sector Erase
6
5555 AA 2AAA 55 5555 80 5555 AA
2AAA 55
SA
(3)
30
Byte Program
4
5555 AA 2AAA 55 5555 A0 AIN
DIN
Boot Block Lockout
6
5555 AA 2AAA 55 5555 80 5555 AA
2AAA 55
5555 40
Product ID Entry
3
5555 AA 2AAA 55 5555 90
Product ID Exit
(2)
3
5555 AA 2AAA 55 5555 F0
Product ID Exit
(2)
1
XXXX F0
Notes:
1. Address Format: A14
−A0 (Hex); Data Format: DQ7-DQ0 (Hex)
2. Either one of the two Product ID Exit commands can be used.
3. SA means: Sector Address
If SA is within 3C000 to 3FFFF (Boot Block address range), and the Boot Block programming lockout feature is activated,
nothing will happen and the device will go back to read mode after 100nS.
If the Boot Block programming lockout feature is not activated, this command will erase Boot Block.
If SA is within 3A000 to 3BFFF (Parameter Block1 address range), this command will erase PB1.
If SA is within 38000 to 39FFF (Parameter Block2 address range), this command will erase PB2.
If SA is within 20000 to 37FFF (Main Memory Block1 address range), this command will erase MMB1.
If SA is within 00000 to 1FFFF (Main Memory Block2 address range), this command will erase MMB2.


Similar Part No. - W49F002

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70 WINBOND-W49F020-70 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-70B WINBOND-W49F020-70B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90 WINBOND-W49F020-90 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F020-90B WINBOND-W49F020-90B Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F002

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com