Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W55F10 Datasheet(PDF) 4 Page - Winbond

Part # W55F10
Description  SERIAL FLASH EEPROM SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W55F10 Datasheet(HTML) 4 Page - Winbond

  W55F10 Datasheet HTML 1Page - Winbond W55F10 Datasheet HTML 2Page - Winbond W55F10 Datasheet HTML 3Page - Winbond W55F10 Datasheet HTML 4Page - Winbond W55F10 Datasheet HTML 5Page - Winbond W55F10 Datasheet HTML 6Page - Winbond W55F10 Datasheet HTML 7Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
W55FXX
- 4 -
AC CHARACTERISTICS
(VDD = 4.5V, VSS = 0V, TA = 25
° C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
MODE pulse width
TMP
-1
-
-
µS
CTRL pulse width
TWP
Page coding mode
400
-
700
µS
Clock frequency of ADDR
FADDR
-
-
-
1
MHz
Clock frequency of CLK
FCLK
-
-
-
1
MHz
Clock frequency of CTRL
FCTRL
-
-
-
1
MHz
Interval between ADDR end
& CLK begin
TI
Read/Write mode
1
-
-
µS
Interval between CLK &
CTRL
TGCC
Write mode
1
-
-
µS
Interval between ADDR &
CTRL
TGCA
Page coding mode
1
-
-
µS
Interval between addressing
end & block-erase begin
TAE
Block erase mode
1
-
-
µS
Interval between MODE
rising edge & CTRL clock
begin
TMB
Mode selection
500
-
-
nS
Interval between CTRL clock
end & MODE falling edge
TME
Mode selection
500
-
-
nS
Interval between MODE
falling edge & another pin
active
TGM
-1
-
-
µS
Data access time
TRA
Read mode
-
-
500
nS
Data set up time
TWS
Write mode
250
-
-
nS
TAS
-
250
-
-
nS
Data hold time
TRH
Read mode
0
-
-
nS
TWH
Write mode
10
-
-
nS
TAH
-10
-
-
nS
Programming duration
TPR
Write mode
400
-
-
µS
Whole-chip-erase time
TWE
Whole-chip-erase
mode
45
-
50
mS
Block-erase time
TBE
Block-erase mode
40
-
45
mS


Similar Part No. - W55F10

ManufacturerPart #DatasheetDescription
logo
Winbond
W55F10A WINBOND-W55F10A Datasheet
203Kb / 12P
   Serial Flash Memory
May 02, 2006 Revision A1.8
W55F10BG WINBOND-W55F10BG Datasheet
203Kb / 12P
   Serial Flash Memory
May 02, 2006 Revision A1.8
More results

Similar Description - W55F10

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
BR24A01AF-WME2 ROHM-BR24A01AF-WME2 Datasheet
705Kb / 31P
   Serial EEPROM Series Automotive EEPROM
BRCF016GWZ-3 ROHM-BRCF016GWZ-3 Datasheet
499Kb / 28P
   Serial EEPROM Series Standard EEPROM
BR25H160-2C ROHM-BR25H160-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com