Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1737990000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1737990000
Description  Cable glands
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1737990000 Datasheet(HTML) 2 Page - Weidmuller

  1737990000 Datasheet HTML 1Page - Weidmuller 1737990000 Datasheet HTML 2Page - Weidmuller 1737990000 Datasheet HTML 3Page - Weidmuller 1737990000 Datasheet HTML 4Page - Weidmuller 1737990000 Datasheet HTML 5Page - Weidmuller 1737990000 Datasheet HTML 6Page - Weidmuller 1737990000 Datasheet HTML 7Page - Weidmuller 1737990000 Datasheet HTML 8Page - Weidmuller 1737990000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
45
Cable glands
We offer cable glands as a well balanced
assortment for different applications.
• Cable glands made from plastic and
brass
• EMC cable glands
• For hazardous areas in accordance with
EN 50014, EN 50019 and ATEX
• VDE, CSA and UL approved
Cable entries, for example for enclosures
or heavy duty connectors can be easily
and reliably installed.
DIN 40050 protection classes:
IP 54
Protection against dust accumu-
lation as well as protection
against water splash
IP 65
Protection against dust inflow as
well as protection against hose
water
IP 66
Protection against dust inflow as
well as protection in the case of
overflooding
IP 68
Protection against dust inflow as
well as protection when submerg-
ing
IP 69
Protection against water under
pressure
Labelling of explosion protected electric equipment according to ‘old’ Ex approvals.
Name of
Type
Examination
Symbol for
Conformity to
Risk of
Abbreviation
Group of
manufacturer
designation
certificate number
electrical equipment
european
explosion
of protection
electrical
or logo
from
of EU test site
certified by
standards
classes used
devices
manufacturer
EU test site
certified
16
E
Ex
e
II
i
T
The European Technical Standard
DIN EN 50 262
Metric cable glands for electric instal-
lations - the end of the PG–Cable
glands threads.
• The technical standards “Cable Glands
for cables and conductors with PG
standard threads” DIN 46320 (P1 - P4),
DIN 46255, DIN 46259, DIN 46319 and
DIN VDE 0619 became invalid on the
31 December 1999.
• Cable glands with PG threads are no
longer standard.
• The design approvals granted in accor-
dance with DIN VDE 0619: 1987 – 09
remained valid until 31.3.2001.
• The European Standard “Metric Cable
Glands for Electrical Installations” EN 50
262 became valid on 1.4.1999.
• The EN Standard EN 50 262 is manda-
tory in all member countries of the
European Union (EU) and associated
countries collaborating with CENELEC
(European Committee For
Electrotechnical Standardization) who
adopt the standard.
• That means that only metric cable
glands are permitted to be used in new
constructions as of 1.3.2001 in those
countries described above.


Similar Part No. - 1737990000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
173799 ETC2-173799 Datasheet
22Kb / 1P
   Bezeichnung Configuration
logo
ERNI Electronics
173799 ERNI-173799 Datasheet
22Kb / 1P
   Verdrahtungs-System
More results

Similar Description - 1737990000

ManufacturerPart #DatasheetDescription
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
   Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
   Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
   CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
   Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
   EMC Grounding Cable Glands
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
   CABLE GLANDS - PG TYPE
logo
SAB North America
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
   EMC Grounding Cable Glands
logo
ABB
STE ABB-STE Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com