Electronic Components Datasheet Search |
|
1738740000 Datasheet(PDF) 11 Page - Weidmuller |
|
1738740000 Datasheet(HTML) 11 Page - Weidmuller |
11 / 22 page Cable glands 54 ADE 4F EMC cable glands For use in hazardous areas: EEx e II, EEx d IIB, EEx d II C ≤ 2000 cm3 These cable glands are certified in accordance with LCIE 97ATEX6008X. On request: silicone sealing ring, halogen-free, Working temperature: -70 °C - +220 °C. High shielding factor up to 100 dB. An endless lock washer is pressed against the cable armour by two conical rings; thus guaranteeing a reliable and safe contact. This ensures that the shield braiding is inserted into the enclosure. Technical data Material: Nickel plated brass (on request stainless steel) Sealing: Neoprene Temperature: -40 °C - 100 °C Protection class: IP 68 (10 bar) ATEX available Technical data Material: Nickel plated brass Sealing: TPE-V /thermoplastic Elastomer O-Ring: Perbunan Temperature: -40°C ... +135°C (peak 150°C) Protection class: IP 68 Ordering data Type Thread Sealing Cable Armoured Cable L L1 SW1 SW2 Qty. Cat. No. ring Ø outside Ø inside Metric gland VG ADE 4F/M 12 Exe/d M 12 x 1.5 5 6.0 - 12.0 0 - 0.9 4.0 - 8.0 51 15 19 19 5 1736810000 VG ADE 4F/M 16 Exe/d M 16 x 1.5 6 8.5 - 16.0 0 - 1.25 6.0 - 12.0 57 15 24 24 5 1736820000 VG ADE 4F/M 20 Exe/d M 20 x 1.5 7 12.0 - 21.0 0 - 1.25 8.5 - 15.5 61 15 30 30 2 1736830000 VG ADE 4F/M 25 Exe/d M 25 x 1.5 8 16.0 - 27.5 0 - 1.6 12.0 - 20.5 71 15 41 41 2 1736840000 VG ADE 4F/M 32 Exe/d M 32 x 1.5 9 21.0 - 34.0 0 - 1.6 16.0 - 27.5 78 15 48 48 2 1736850000 VG ADE 4F/M 40 Exe/d M 40 x 1.5 10 27.0 - 41.0 0 - 2 21.0 - 34.0 83 15 55 55 2 1736860000 VG ADE 4F/M 50 Exe/d M 50 x 1.5 11 33.0 - 48.0 0 - 2.5 27.0 - 41.0 90 16 64 64 1 1736870000 VG ADE 4F/M 63 Exe/d M 63 x 1.5 13 47.0 - 65.0 0 - 2.5 40.0 - 56.0 102 17 85 85 1 1736880000 VG ADE 4F/M 75 Exe/d M 75 x 1.5 14 54.0 - 74.0 0 - 2.5 47.0 - 65.0 110 18 95 95 1 1736890000 VG ADE 4F/M 80 Exe/d M 80 x 2 15 63.0 - 83.0 0 - 3.15 54.0 - 73.0 124 20 110 110 1 1736900000 VG ADE 4F/M 90 Exe/d M 90 x 2 16 72.0 - 93.0 0 - 3.15 63.0 - 82.0 130 22 120 120 1 1736910000 all sizes in mm Ordering data Type Thread Clamp range Armour-Ø L SW Qty. Cat. No. Metric cable glands brass VG EMC M18x1.5 M 18x1.5 6.0 - 9.5 3.0 - 7.0 26.7 24 5 1706920000 VG EMC M20x1.5 M 20x1.5 7.0 - 11.0 4.0 - 8.5 26.7 24 5 1706940000 VG EMC M24x1.5 M 24x1.5 16.5 - 14.0 8.0 - 12.0 33.5 30 5 1706930000 VG EMC M25x1.5 M 25x1.5 16.5 - 14.0 8.0 - 12.0 33.5 30 5 1706950000 PG cable gland brass VG EMC Pg 7/9 PG 7 / 9 4.0 - 6.0 1.5 - 4.0 32.9 17 20 1713870000 VG EMC Pg 9/11 PG 9 / 11 6.5 - 9.5 2.5 - 6.5 32.9 20 20 1706860000 VG EMC Pg 11 PG 11 6.0 - 9.0 3.5 - 7.5 39.6 24 20 1706870000 VG EMC Pg 13.5 PG 13.5 7.0 - 10.5 4.0 - 8.5 39.0 24 10 1706880000 VG EMC Pg 16 PG 16 10.0 - 14.0 8.0 - 13.0 40.5 30 10 1706890000 VG EMC Pg 16 PG 16 14.0 - 18.0 8.0 - 13.0 40.5 30 10 1713880000 VG EMC Pg 21 PG 21 14.0 - 18.0 10.0 - 15.0 40.5 35 10 1706900000 VG EMC Pg 21 PG 21 17.0 - 28.0 12.5 - 17.5 40.5 35 10 1713890000 VG EMC Pg 29 PG 29 22.0 - 26.0 15.0 - 21.0 43.5 40 5 1706910000 VG EMC Pg 29 PG 29 25.0 - 29.0 18.0 - 25.0 55.3 40 5 1713900000 VG EMC Pg 36 PG 36 32.0 - 27.0 18.0 - 25.0 55.3 40 5 1770410000 all sizes in mm L L L1 T |
Similar Part No. - 1738740000 |
|
Similar Description - 1738740000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |