Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27E512P-45 Datasheet(PDF) 3 Page - Winbond

Part # W27E512P-45
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27E512P-45 Datasheet(HTML) 3 Page - Winbond

  W27E512P-45 Datasheet HTML 1Page - Winbond W27E512P-45 Datasheet HTML 2Page - Winbond W27E512P-45 Datasheet HTML 3Page - Winbond W27E512P-45 Datasheet HTML 4Page - Winbond W27E512P-45 Datasheet HTML 5Page - Winbond W27E512P-45 Datasheet HTML 6Page - Winbond W27E512P-45 Datasheet HTML 7Page - Winbond W27E512P-45 Datasheet HTML 8Page - Winbond W27E512P-45 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
W27E512
Publication Release Date: June 2000
- 3 -
Revision A9
Standby Mode
The standby mode significantly reduces VCC current. This mode is entered when CE high. In standby
mode, all outputs are in a high impedance state, independent of OE /VPP.
Two-line Output Control
Since EPROMs are often used in large memory arrays, the W27E512 provides two control inputs for
multiple memory connections. Two-line control provides for lowest possible memory power
dissipation and ensures that data bus contention will not occur.
System Considerations
An EPROM's power switching characteristics require careful device decoupling. System designers are
interested in three supply current issues: standby current levels (ISB), active current levels (ICC), and
transient current peaks produced by the falling and rising edges of CE. Transient current magnitudes
depend on the device output's capacitive and inductive loading. Two-line control and proper
decoupling capacitor selection will suppress transient voltage peaks. Each device should have a 0.1
µ
F ceramic capacitor connected between its VCC and GND. This high frequency, low inherent-
inductance capacitor should be placed as close as possible to the device. Additionally, for every eight
devices, a 4.7
µF electrolytic capacitor should be placed at the array's power supply connection
between VCC and GND. The bulk capacitor will overcome voltage slumps caused by PC board trace
inductances.
TABLE OF OPERATING MODES
(VPP = 12V, VPE = 14V, VHH = 12V, VCP = 5V, VCE = 5V, X = VIH or VIL)
MODE
PINS
CE
OE /VPP
A0
A9
VCC
OUTPUTS
Read
VIL
VIL
X
X
VCC
DOUT
Output Disable
VIL
VIH
X
X
VCC
High Z
Standby (TTL)
VIH
X
X
X
VCC
High Z
Standby (CMOS)
VCC
±0.3V
X
X
X
VCC
High Z
Program
VIL
VPP
X
X
VCP
DIN
Program Verify
VIL
VIL
X
X
VCC
DOUT
Program Inhibit
VIH
VPP
X
X
VCP
High Z
Erase
VIL
VPE
VIL
VPE
VCE
DIH
Erase Verify
VIL
VIL
X
X
3.75
DOUT
Erase Inhibit
VIH
VPE
X
X
VCE
High Z
Product Identifier-manufacturer
VIL
VIL
VIL
VHH
VCC
DA (Hex)
Product Identifier-device
VIL
VIL
VIH
VHH
VCC
08 (Hex)


Similar Part No. - W27E512P-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520S-70 WINBOND-W27E520S-70 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520S-90 WINBOND-W27E520S-90 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520W-70 WINBOND-W27E520W-70 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520W-90 WINBOND-W27E520W-90 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27E512P-45

ManufacturerPart #DatasheetDescription
logo
Winbond
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com