Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49F020P-90B Datasheet(PDF) 5 Page - Winbond

Part # W49F020P-90B
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49F020P-90B Datasheet(HTML) 5 Page - Winbond

  W49F020P-90B Datasheet HTML 1Page - Winbond W49F020P-90B Datasheet HTML 2Page - Winbond W49F020P-90B Datasheet HTML 3Page - Winbond W49F020P-90B Datasheet HTML 4Page - Winbond W49F020P-90B Datasheet HTML 5Page - Winbond W49F020P-90B Datasheet HTML 6Page - Winbond W49F020P-90B Datasheet HTML 7Page - Winbond W49F020P-90B Datasheet HTML 8Page - Winbond W49F020P-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary W49F020
Publication Release Date: October 1999
- 5 -
Revision A1
TABLE OF OPERATING MODES
Operating Mode Selection
(VHH = 12V
± 5%)
MODE
PINS
CE
OE
WE
ADDRESS
DQ.
Read
VIL
VIL
VIH
AIN
Dout
Write
VIL
VIH
VIL
AIN
Din
Standby
VIH
X
X
X
High Z
Write Inhibit
X
VIL
X
X
High Z/DOUT
X
X
VIH
X
High Z/DOUT
Output Disable
X
VIH
X
X
High Z
Product ID
VIL
VIL
VIH
A0 = VIL; A1
−A17 = VIL;
A9 = VHH
Manufacturer Code DA (Hex)
VIL
VIL
VIH
A0 = VIL; A1
−A17 = VIL;
A9 = VHH
Device Code 8C (Hex)
TABLE OF COMMAND DEFINITION
COMMAND
NO. OF 1ST CYCLE 2ND CYCLE 3RD CYCLE 4TH CYCLE 5TH CYCLE 6TH CYCLE
DESCRIPTION
Cycles
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN
DOUT
Chip Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 10
Byte Program
4
5555 AA
2AAA 55
5555 A0
AIN
DIN
Boot Block Lockout
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 40
Product ID Entry
3
5555 AA
2AAA 55
5555 90
Product ID Exit
(1)
3
5555 AA
2AAA 55
5555 F0
Product ID Exit
(1)
1
XXXX F0
Notes:
1. Address Format: A14
−A0 (Hex); Data Format: DQ7-DQ0 (Hex)
2. Either one of the two Product ID Exit commands can be used.


Similar Part No. - W49F020P-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002 WINBOND-W49F002 Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-12B WINBOND-W49F002U-12B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-70B WINBOND-W49F002U-70B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49F002U-90B WINBOND-W49F002U-90B Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49F020P-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com