Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6662CF Datasheet(PDF) 6 Page - Winbond

Part # W6662CF
Description  SCANNER ANALOG FRONT END
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6662CF Datasheet(HTML) 6 Page - Winbond

Back Button W6662CF Datasheet HTML 2Page - Winbond W6662CF Datasheet HTML 3Page - Winbond W6662CF Datasheet HTML 4Page - Winbond W6662CF Datasheet HTML 5Page - Winbond W6662CF Datasheet HTML 6Page - Winbond W6662CF Datasheet HTML 7Page - Winbond W6662CF Datasheet HTML 8Page - Winbond W6662CF Datasheet HTML 9Page - Winbond W6662CF Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Preliminary W6662CF
- 6 -
SEL1 = 0, SEL0 = 1 is red channel of gain register and offset register selected.
SEL1 = 1, SEL0 = 0 is green channel of gain register and offset register selected.
SEL1 = 1, SEL0 = 1 is blue channel of gain register and offset register selected.
SEL1 = 0, SEL0 = 0 is reserved.
6.3 CDS vs S&H Mode
"CDS" stands for "correlated double sampling". It is used to reduce noise generated in CCD source
and to decrease the sampling error which induced from clampping voltage error. CDS takes two step
to sample a CCD's output pixel. In the first step, the reset level of CCD output is sampled and hold by
S/H1 at the falling edge of CDSCK1 signal. In the second step, the data signal of CCD output is
sampled and hold by S/H2 at the falling edge of CDSCK2 signal. The CDS output voltage is obtained
from the voltage difference of the outputs of S/H1 and S/H2.
In S&H mode, the data signal of CIS output is sampled and hold by S/H1 at the falling edge of
CDSCK2 signal and the output voltage is obtained from the voltage difference of the outputs of S/H1
and CISREF pin. Figure 6-3 shows the equivalent circuits of CDS and S&H mode processing.
Fig. 6-3 The Equivalent Circuit of CDS and S&H Mode.
S/H1
S/H2
CDSCK1
CDSCK2
+
-
From
I/P
MUX
To
Gain/Offset
Adjust
S/H1
CDSCK2
+
-
From
I/P
MUX
To
Gain/Offset
Adjust
(a) CDS Mode.
(b) S&H Mode.
From
CISREF
pin
6.4 Gain/Offset Adjustment
The analog input signal after CDS or S&H processed is amplified by PGA gain adjustment and then
shifted by offset value. The offset value will not affected by the PGA gain adjustment.


Similar Part No. - W6662CF

ManufacturerPart #DatasheetDescription
logo
Winbond
W6630CR WINBOND-W6630CR Datasheet
14Kb / 1P
   STEREO AUDIO DAC
W6631 WINBOND-W6631 Datasheet
13Kb / 1P
   STEREO AUDIO DAC
W6631CS WINBOND-W6631CS Datasheet
13Kb / 1P
   STEREO AUDIO DAC
W66880 WINBOND-W66880 Datasheet
21Kb / 1P
   VFD CONTROLLER/DRIVER
W66880CF WINBOND-W66880CF Datasheet
21Kb / 1P
   VFD CONTROLLER/DRIVER
More results

Similar Description - W6662CF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
[Old version datasheet]   3 Channel 42-Bit Color Scanner Analog Front End
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
   LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com