Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM115224-3040 Datasheet(PDF) 5 Page - ITT Industries

Part # DM115224-3040
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM115224-3040 Datasheet(HTML) 5 Page - ITT Industries

  DM115224-3040 Datasheet HTML 1Page - ITT Industries DM115224-3040 Datasheet HTML 2Page - ITT Industries DM115224-3040 Datasheet HTML 3Page - ITT Industries DM115224-3040 Datasheet HTML 4Page - ITT Industries DM115224-3040 Datasheet HTML 5Page - ITT Industries DM115224-3040 Datasheet HTML 6Page - ITT Industries DM115224-3040 Datasheet HTML 7Page - ITT Industries DM115224-3040 Datasheet HTML 8Page - ITT Industries DM115224-3040 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
4
D Subminiature
D*NG
Straight Pressfit Termination
Mounting Types
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
Part Numbers
Shell
Size
Layout
Through
Hole
Clinch Nut
# 4-40 UNC
Clinch Nut
M3
Press-In Bolt
# 4-40 UNC
Press-In Bolt
M3
DE
9
DENG9P-P1
DENGE9P-P1
DENGX9P-P1
DENGZ9P-P1
DENGL9P-P1
DA
15
DANG15P-P1
DANGE15P-P1
DANGX15P-P1
DANGZ15P-P1
DANGL15P-P1
DB
25
DBNG25P-P1
DBNGE25P-P1
DBNGX25P-P1
DBNGZ25P-P1
DBNGL25P-P1
DC
37
DCNG37P-P1
DCNGE37P-P1
DCNGX37P-P1
DCNGZ37P-P1
DCNGL37P-P1
DD
50
DDNG50P-P1
DDNGE50P-P1
DDNGX50P-P1
DDNGZ50P-P1
DDNGL50P-P1
Note: For performance class 1 (gold over PdNi finish) add -408. Example: DENG9P-P1-408.
Through Hole
Clinch Nut
Press-In Bolt
Plug
Engaging Face
DD Configuration
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 2-3.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 274.
For panel cutouts, see page 221.
2,15 (.085)
MAX
2,84 (.112)
5,69
(.224)
2,84 (.112)
2,15 (.085)
MAX
D
E
B
C
A
10
°
1
23
4
5
6
7
8
910 11 12
13 14
15
5,70
± 0,20
(.224
± .008)
6,00 - 0,25
(.236 - .010)
5,60 (.220)
MAX


Similar Part No. - DM115224-3040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115 SITI-DM115 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
C&K Components
DM115440-14A CK-COMPONENTS-DM115440-14A Datasheet
1Mb / 12P
   D*BM Series compliant
DM115440-15A CK-COMPONENTS-DM115440-15A Datasheet
1Mb / 12P
   D*BM Series compliant
logo
Silicon Touch Technolog...
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
More results

Similar Description - DM115224-3040

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com