Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C020S-90A Datasheet(PDF) 10 Page - Winbond

Part # W29C020S-90A
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020S-90A Datasheet(HTML) 10 Page - Winbond

Back Button W29C020S-90A Datasheet HTML 6Page - Winbond W29C020S-90A Datasheet HTML 7Page - Winbond W29C020S-90A Datasheet HTML 8Page - Winbond W29C020S-90A Datasheet HTML 9Page - Winbond W29C020S-90A Datasheet HTML 10Page - Winbond W29C020S-90A Datasheet HTML 11Page - Winbond W29C020S-90A Datasheet HTML 12Page - Winbond W29C020S-90A Datasheet HTML 13Page - Winbond W29C020S-90A Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
W29C020
- 10 -
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage to VSS Potential
-0.5 to +7.0
V
Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
D.C. Voltage on Any Pin to Ground Potential Except A9
-0.5 to VDD +1.0
V
Transient Voltage (<20 nS ) on Any Pin to Ground Potential
-1.0 to VDD +1.0
V
Voltage on A9 and OE Pin to Ground Potential
-0.5 to 12.5
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
device.
Operating Characteristics
(VDD = 5.0V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply Current
ICC
CE = OE = VIL, WE = VIH,
all DQs open
Address inputs = VIL/VIH,
at f = 5 MHz
-
-
50
mA
Standby VDD Current
(TTL input)
ISB1
CE = VIH, all DQs open
Other inputs = VIL/VIH
-
2
3
mA
Standby VDD Current
(CMOS input)
ISB2
CE = VDD -0.3V, all DQs
open
-
20
100
µA
Input Leakage Current
ILI
VIN = GND to VDD
-
-
10
µA
Output Leakage Current
ILO
VIN = GND to VDD
-
-
10
µA
Input Low Voltage
VIL
-
-
-
0.8
V
Input High Voltage
VIH
-
2.0
-
-
V
Output Low Voltage
VOL
IOL = 2.0 mA
-
-
0.45
V
Output High Voltage
VOH1
IOH = -400
µA
2.4
-
-
V
Output High Voltage
CMOS
VOH2
IOH = -100
µA; VCC = 4.5V
4.2
-
-
V


Similar Part No. - W29C020S-90A

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020S-90A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com