Electronic Components Datasheet Search |
|
1719670000 Datasheet(PDF) 2 Page - Weidmuller |
|
1719670000 Datasheet(HTML) 2 Page - Weidmuller |
2 / 22 page 45 Cable glands We offer cable glands as a well balanced assortment for different applications. • Cable glands made from plastic and brass • EMC cable glands • For hazardous areas in accordance with EN 50014, EN 50019 and ATEX • VDE, CSA and UL approved Cable entries, for example for enclosures or heavy duty connectors can be easily and reliably installed. DIN 40050 protection classes: IP 54 Protection against dust accumu- lation as well as protection against water splash IP 65 Protection against dust inflow as well as protection against hose water IP 66 Protection against dust inflow as well as protection in the case of overflooding IP 68 Protection against dust inflow as well as protection when submerg- ing IP 69 Protection against water under pressure Labelling of explosion protected electric equipment according to ‘old’ Ex approvals. Name of Type Examination Symbol for Conformity to Risk of Abbreviation Group of manufacturer designation certificate number electrical equipment european explosion of protection electrical or logo from of EU test site certified by standards classes used devices manufacturer EU test site certified 16 E Ex e II i T The European Technical Standard DIN EN 50 262 Metric cable glands for electric instal- lations - the end of the PG–Cable glands threads. • The technical standards “Cable Glands for cables and conductors with PG standard threads” DIN 46320 (P1 - P4), DIN 46255, DIN 46259, DIN 46319 and DIN VDE 0619 became invalid on the 31 December 1999. • Cable glands with PG threads are no longer standard. • The design approvals granted in accor- dance with DIN VDE 0619: 1987 – 09 remained valid until 31.3.2001. • The European Standard “Metric Cable Glands for Electrical Installations” EN 50 262 became valid on 1.4.1999. • The EN Standard EN 50 262 is manda- tory in all member countries of the European Union (EU) and associated countries collaborating with CENELEC (European Committee For Electrotechnical Standardization) who adopt the standard. • That means that only metric cable glands are permitted to be used in new constructions as of 1.3.2001 in those countries described above. |
Similar Part No. - 1719670000 |
|
Similar Description - 1719670000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |