Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T410-600B Datasheet(PDF) 2 Page - Apollo Electron Co., Ltd.

Part # T410-600B
Description  Sensitive Gate Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APOLLOELECTRON [Apollo Electron Co., Ltd.]
Direct Link  http://www.aelectron.com
Logo APOLLOELECTRON - Apollo Electron Co., Ltd.

T410-600B Datasheet(HTML) 2 Page - Apollo Electron Co., Ltd.

  T410-600B Datasheet HTML 1Page - Apollo Electron Co., Ltd. T410-600B Datasheet HTML 2Page - Apollo Electron Co., Ltd. T410-600B Datasheet HTML 3Page - Apollo Electron Co., Ltd. T410-600B Datasheet HTML 4Page - Apollo Electron Co., Ltd. T410-600B Datasheet HTML 5Page - Apollo Electron Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
T
j = 125 °C
---
---
2.0
mA
VTM
Peak On-State Voltage
ITM = 5.5A, tp=380㎲
--
--
1.7
V
I+GT1
Gate Trigger Current
VD = 12V, RL=30 Ω
──
5
mA
I -GT1
-
5
I -GT3
-
5
I+GT4
10
� � � � �� � � ���
V+GT1
Gate Trigger Voltage
VD = 12 V, RL=30 Ω
---
---
1.5
V
---
---
1.
5
V-GT1
V -GT3
──
1.5
V+GT4
IV
---
---
1.5
VGD
Non-Trigger Gate Voltage
Tj = 125 °C, VD=VDRM RL=3.3kΩ
0.25
---
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Tj = 125 °C,
VD=2/3 VDRM
20
──
V
/㎲
IH
Holding Current
It=0.1A
---
---
10
mA
TD4A60S
2/
5


Similar Part No. - T410-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T410-600B STMICROELECTRONICS-T410-600B Datasheet
118Kb / 8P
   4A TRIACS
T410-600B STMICROELECTRONICS-T410-600B Datasheet
115Kb / 10P
   4A TRIACS
logo
JIEJIE MICROELECTRONICS...
T410-600B JIEJIE-T410-600B Datasheet
662Kb / 6P
   4A TRIACs
logo
Inchange Semiconductor ...
T410-600B ISC-T410-600B Datasheet
157Kb / 1P
   isc Thyristors
logo
STMicroelectronics
T410-600B STMICROELECTRONICS-T410-600B Datasheet
119Kb / 10P
   4A TRIACS
January 2006 REV. 7
More results

Similar Description - T410-600B

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TP4A60S APOLLOELECTRON-TP4A60S Datasheet
1Mb / 5P
   Sensitive Gate Triac
logo
New Jersey Semi-Conduct...
T2322B NJSEMI-T2322B Datasheet
103Kb / 2P
   Sensitive Gate Triac
logo
Unisonic Technologies
BTA04 UTC-BTA04_15 Datasheet
189Kb / 5P
   SENSITIVE GATE TRIAC
logo
Apollo Electron Co., Lt...
TR4A60S APOLLOELECTRON-TR4A60S Datasheet
4Mb / 6P
   Sensitive Gate Triac
logo
Shenzhen Winsemi Microe...
STU4A60S WINSEMI-STU4A60S Datasheet
483Kb / 5P
   Sensitive Gate Triac
WTD4A60S WINSEMI-WTD4A60S Datasheet
445Kb / 5P
   Sensitive Gate Triac
logo
NTE Electronics
NTE56045 NTE-NTE56045 Datasheet
21Kb / 2P
   TRIAC, 16A, Sensitive Gate
NTE56039 NTE-NTE56039 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE56040 NTE-NTE56040 Datasheet
20Kb / 2P
   TRIAC, 4A Sensitive Gate
NTE5655 NTE-NTE5655 Datasheet
19Kb / 2P
   TRIAC - 800mA Sensitive Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com