Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C020T-70A Datasheet(PDF) 7 Page - Winbond

Part # W29C020T-70A
Description  256K X 8 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C020T-70A Datasheet(HTML) 7 Page - Winbond

Back Button W29C020T-70A Datasheet HTML 3Page - Winbond W29C020T-70A Datasheet HTML 4Page - Winbond W29C020T-70A Datasheet HTML 5Page - Winbond W29C020T-70A Datasheet HTML 6Page - Winbond W29C020T-70A Datasheet HTML 7Page - Winbond W29C020T-70A Datasheet HTML 8Page - Winbond W29C020T-70A Datasheet HTML 9Page - Winbond W29C020T-70A Datasheet HTML 10Page - Winbond W29C020T-70A Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
W29C020
Publication Release Date: February 1998
- 7 -
Revision A3
Command Codes for Software Chip Erase
BYTE SEQUENCE
ADDRESS
DATA
0 Write
5555H
AAH
1 Write
2AAAH
55H
2 Write
5555H
80H
3 Write
5555H
AAH
4 Write
2AAAH
55H
5 Write
5555H
10H
Software Chip Erase Acquisition Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 80
to
address 5555
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data 10
to
address 5555
Pause 50 mS
Exit
Notes for software chip erase:
Data Format: DQ7
−DQ0 (Hex)
Address Format: A14
−A0 (Hex)


Similar Part No. - W29C020T-70A

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12 WINBOND-W29C020C-12 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-12B WINBOND-W29C020C-12B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70 WINBOND-W29C020C-70 Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C-70B WINBOND-W29C020C-70B Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C020T-70A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C022 WINBOND-W29C022 Datasheet
166Kb / 20P
   256K x 8 CMOS FLASH MEMORY
logo
Intel Corporation
28F020 INTEL-28F020 Datasheet
878Kb / 38P
   28F020 2048K (256K X 8) CMOS FLASH MEMORY
logo
Macronix International
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
   2M-BIT[256K x 8]CMOS FLASH MEMORY
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
   2M-BIT [256K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com