Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49L102P-90B Datasheet(PDF) 2 Page - Winbond

Part # W49L102P-90B
Description  64K X 16 CMOS 3.3V FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49L102P-90B Datasheet(HTML) 2 Page - Winbond

  W49L102P-90B Datasheet HTML 1Page - Winbond W49L102P-90B Datasheet HTML 2Page - Winbond W49L102P-90B Datasheet HTML 3Page - Winbond W49L102P-90B Datasheet HTML 4Page - Winbond W49L102P-90B Datasheet HTML 5Page - Winbond W49L102P-90B Datasheet HTML 6Page - Winbond W49L102P-90B Datasheet HTML 7Page - Winbond W49L102P-90B Datasheet HTML 8Page - Winbond W49L102P-90B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Preliminary W49L102
- 2 -
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
GND
A8
A7
A15
A14
A13
A12
A11
A10
A9
OE
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
GND
40-pin
TSOP
24
23
22
21
D
Q
15
N
C
V
D
D
/
W
E
1
4
A
1
5
A
N
C
N
C
/
C
E
D
Q
14
D
Q
13
11
12
13
39
38
37
36
35
34
33
44
1
2
3
4
5
6
26
25
24
23
22
21
20
44-pin
PLCC
28
27
40
41
42
43
7
8
9
A9
GND
NC
A8
A7
A6
A5
A13
A12
A11
A10
10
14
15
16
17
19
18
32
31
30
29
GND
DQ12
DQ11
DQ10
DQ9
DQ8
DQ7
DQ6
DQ5
DQ4
NC
D
Q
3
D
Q
2
/
O
E
N
C
A
0
A
1
A
2
A
3
A
4
D
Q
1
D
Q
0
NC
WE
V
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
DD
NC
CE
A6
A5
A4
A3
A2
A1
A0
BLOCK DIAGRAM
CONTROL
OUTPUT
BUFFER
DECODER
MAIN
MEMORY
CE
OE
WE
A0
.
.
A15
.
.
DQ0
DQ15
VDD
VSS
(56K Words)
BootBlock
(8K Words)
PIN DESCRIPTION
SYMBOL
PIN NAME
A0
−A15
Address Inputs
DQ0
−DQ15
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VDD
Power Supply
GND
Ground
NC
No Connection


Similar Part No. - W49L102P-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-70 WINBOND-W49L201S-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201S-90 WINBOND-W49L201S-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-70 WINBOND-W49L201T-70 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201T-90 WINBOND-W49L201T-90 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W49L102P-90B

ManufacturerPart #DatasheetDescription
logo
Winbond
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29C102 WINBOND-W29C102 Datasheet
254Kb / 21P
   64K 16 CMOS FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Everspin Technologies I...
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
   64K x 16 MRAM Memory
Rev. 8.3 3/2018
logo
Sharp Corporation
LH28F400SUN SHARP-LH28F400SUN Datasheet
2Mb / 43P
   4Mbit(512Kbit x 8,256Kbit x 16) 3.3V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com