Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W741C260 Datasheet(PDF) 7 Page - Winbond

Part # W741C260
Description  4-BIT MICROCONTROLLER
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741C260 Datasheet(HTML) 7 Page - Winbond

Back Button W741C260 Datasheet HTML 3Page - Winbond W741C260 Datasheet HTML 4Page - Winbond W741C260 Datasheet HTML 5Page - Winbond W741C260 Datasheet HTML 6Page - Winbond W741C260 Datasheet HTML 7Page - Winbond W741C260 Datasheet HTML 8Page - Winbond W741C260 Datasheet HTML 9Page - Winbond W741C260 Datasheet HTML 10Page - Winbond W741C260 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
W741C260
Publication Release Date: March 1998
- 7 -
Revision A3
3
2
1
0
7FFH
600H
2048
address
000H
16 bits
2048 x 16-bit
ACC
TABL
TABH
ROM address = 600H + Offset/4
Offset
0 1 1 x x x x x
x x x x
- x x x
x x x x x x y y
Each element (4 bits) of the look-up table
This area can be used to store both instruction code
and look-up table
Figure 1. Program Memory Organization
Data Memory (RAM)
1. Architecture
The static data memory (RAM) used to store data is arranged as 128
× 4 bits. The data memory can
be addressed directly or indirectly. The organization of the data memory is shown in Figure 2.
Working Register
128
address
00H
4 bits
128 x 4-bit
7FH
:
0FH
Figure 2. Data Memory Organization
The first sixteen addresses (00H to 0FH) in the data memory are known as the working registers
(WR). The other data memory is used as general memory and cannot operate directly with immediate
data. The relationship between data memory locations and the page register (PAGE) in indirect
addressing mode is described in the next section.


Similar Part No. - W741C260

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
More results

Similar Description - W741C260

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com