Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W741L250 Datasheet(PDF) 3 Page - Winbond

Part # W741L250
Description  4-BIT MICROCONTROLLER
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W741L250 Datasheet(HTML) 3 Page - Winbond

  W741L250 Datasheet HTML 1Page - Winbond W741L250 Datasheet HTML 2Page - Winbond W741L250 Datasheet HTML 3Page - Winbond W741L250 Datasheet HTML 4Page - Winbond W741L250 Datasheet HTML 5Page - Winbond W741L250 Datasheet HTML 6Page - Winbond W741L250 Datasheet HTML 7Page - Winbond W741L250 Datasheet HTML 8Page - Winbond W741L250 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
W741L250
Publication Release Date: March 1998
- 3 -
Revision A2
MFP output pin
− Output is software selectable as modulating or nonmodulating frequency
− Works as frequency output specified by Timer 1
Built-in 14-bit clock frequency divider circuit
Two built-in 8-bit programmable countdown timers
− Timer 0: One of two internal clock frequencies (FOSC/4 or FOSC/1024) can be selected
− Timer 1: Offers auto-reload function and one of two internal clock frequencies (FOSC or
FOSC/64) can be selected or falling edge of pin RC.0 can be selected (output through MFP pin)
Built-in 18/14-bit watchdog timer selectable for system reset
Powerful instruction set: 116 instructions
8-level subroutine (include interrupt) nesting
Up to 4
µS instruction cycle (with 1 MHz operating frequency)
Packaged in 64-pin QFP
PIN CONFIGURATION
51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1
2 3
4
5
6 7
8
9 10 11 12 13 14 15 16 17 18 19
20
21
22
23
24
25
26
27
28
29
30
31
32
52
53
54
55
56
57
58
59
60
61
62
63
64
RD1
RD0
RC3
RC2
RC1
RC0
RB3
RB1
M
F
P
/
I
N
T
/
R
E
S
X
I
N
O
U
T
V
D N N
D C C
D
H
1
D
H
2
V
D
D
SEG18
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
R
E
2
R
E
3
V
S
S
N
C
N
C
C
O
M
C
O
M
C
O
M
C
O
M
S
E
G
S
E
G
S
E
G
S
E
G
S
E
G
S
E
G
3 2
1
0
0 1
2
3
4 5
R
D
D
E E
R R
R
2
3 0
1
S S S
E
E E
G G
E
G
2
1
0 9
G
SEG9
SEG8
SEG7
SEG6
RB0
RA3
RA2
RA
1
RB2
S
2
2
2 1
S
E
G
3
2
3
V
D
D
2
V
D
D
X
R
A
0
1


Similar Part No. - W741L250

ManufacturerPart #DatasheetDescription
logo
Winbond
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
More results

Similar Description - W741L250

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
logo
Winbond
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
   4-BIT MICROCONTROLLER
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
   4-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com