Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JF08R0R041030MA Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # JF08R0R041030MA
Description  FFC Harness for High-speed Transmission
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JF08R0R041030MA Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  JF08R0R041030MA Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JF08R0R041030MA Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JF08R0R041030MA Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JF08R0R041030MA Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MB-0251-1
Product Line-up
No. of
Contacts
FFC
Length
Part Number
41
10cm
JF08R0R041010MA
20cm
JF08R0R041020MA
30cm
JF08R0R041030MA
40cm
JF08R0R041040MA
No. of
FFC
40cm
JF08R0R041040MA
50cm
JF08R0R041050MA
80cm
JF08R0R041080MA
100cm
JF08R0R041100MA
Contacts
Length
Part Number
51
10cm
JF08R0R051010MA
20cm
JF08R0R051020MA
30cm
JF08R0R051030MA
40cm
JF08R0R051040MA
50
JF08R0R051050MA
Note: Above shows the standard lengths.
50cm
JF08R0R051050MA
80cm
JF08R0R051080MA
100cm
JF08R0R051100MA
Please contact us concerning lengths not listed.
Notice: Products shown in this brochure are made
for the applications listed below. However, if the
above-mentioned products are to be used in aerospace
devices, marine cable-connection devices, atomic
power control systems, medical equipment for life-
support systems, or any other specific application
requiring extremely high reliability, please contact
JAE for further information.
Recommended applications: Computers, Office
hi
M
i
d
i
T l
i
i
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
4/4
machines, Measuring devices, Telecommunication
devices (Terminals, Mobile devices), AV devices,
Household applications, FA devices, etc.
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
* The specifications in this brochure are subject to change without notice. Please contact JAE for information.


Similar Part No. - JF08R0R041030MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JF08R0R021010XX ETC2-JF08R0R021010XX Datasheet
434Kb / 1P
   JAPAN AVIATION ELECTRONICS INDUSTRY, LTD
More results

Similar Description - JF08R0R041030MA

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JF04 JAE-JF04 Datasheet
360Kb / 5P
   FFC Harness for High Speed Transmission
logo
Murata Manufacturing Co...
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
   High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
   High-speed Transmission Line
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
logo
Murata Manufacturing Co...
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
   High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
   High-speed Transmission Line
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
   USB3.0 High-speed Transmission Connector for Automotive
logo
Hirose Electric
FH41-28S-0.5SH05 HIROSE-FH41-28S-0.5SH05 Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
FH41-50S-0.5SH HIROSE-FH41-50S-0.5SH Datasheet
1Mb / 9P
   0.5mm pitch, 2.5mm above the board,high speed transmission connector for shielded FFC
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
   High-speed Transmission Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com