Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0273820000 Datasheet(PDF) 1 Page - Weidmuller

Part # 0273820000
Description  Direct Mount Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0273820000 Datasheet(HTML) 1 Page - Weidmuller

  0273820000 Datasheet HTML 1Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
171
MK 3
UL
CSA
VDE
300 V
300 V
500 V
20 A
25 A
24 A
#22…12
#22…12
2.5 mm2
5 (.20)
.9 (8.0)
12
Melamine
Type
Length mm (in.)
Part No.
MK 3/12
109.9 (4.33)
0243520000
MK 3/2
17.95 (.707)
0273820000
MK 3/3
27.20 (1.07)
0273920000
MK 3/4
36.45 (1.44)
0274020000
MK 3/5
45.70 (1.80)
0274120000
MK 3/6
54.95 (2.16)
0274220000
MK 3/7
64.20 (2.53)
0274320000
MK 3/8
73.45 (2.89)
0274420000
MK 3/10
91.95 (3.62)
0274620000
MK 3/11
101.2 (3.98)
0274720000
MK 6
UL
CSA
VDE
300 V
300 V
690 V
30 A
40 A
41 A
#22…12
#22…10
6 mm2
9 (.35)
2.3 (20)
6
Polyamide
Type
Length mm (in.)
Part No.
MK 6/6
74.90 (2.95)
0620160000
MK 6/2
24.45 (.963)
0620460000
MK 6/3
37.45 (1.47)
0620360000
MK 6/4
50.45 (1.99)
0620260000
MK 6/6
74.90 (2.95)
0620160000
BSTb
17/6
0304600000
*Can be mounted using glue or with M3 x 12 screws through the terminal screw hole.
Cutoff versions provide mounting holes.
MK 10*
UL
CSA
VDE
150 V
125 V
125 V
25 A
25 A
24 A
#22…12
#24…12
2.5 mm2
6 (.24)
.45 (40)
14
Polyamide
Type
Length mm (in.)
Part No.
MK 10/14
88.50 (3.48)
0370160000
MK 10/2
25.28 (.995)
0448660000
MK 10/3
31.61 (1.24)
0448760000
MK 10/4
37.93 (1.49)
0448860000
MK 10/5
44.25 (1.74)
0448960000
MK 10/6
50.57 (1.99)
0449060000
MK 10/8
63.21 (2.49)
0449260000
MK 10/9
69.54 (2.74)
0449360000
MK 10/10
75.86 (2.99)
0449460000
MK 10/12
88.50 (3.48)
0449660000
Mounting holes provided on cutoffs only
MK 3
UL
CSA
300 V
300 V
20 A
25 A
#22…12
#22…12
5 (.20)
.9 (8.0)
12
Polyamide
Type
Length mm (in.)
Part No.
MK 3/12
109.9 (4.33)
0243560000
MK 3/2
17.95 (.707)
0273860000
MK 3/3
27.20 (1.07)
0273960000
MK 3/4
36.45 (1.44)
0274060000
MK 3/5
45.70 (1.80)
0274160000
MK 3/6
54.95 (2.16)
0274260000
MK 3/7
64.20 (2.53)
0274360000
MK 3/8
73.45 (2.89)
0274460000
MK 3/9
82.70 (3.26)
0274560000
MK 3/11
101.2 (3.98)
0274760000
EKS 12/4
UL
CSA
300 V
300 V
20 A
20 A
#22…12
#22…12
5 (.20)
.9 (8.0)
12
Polyamide (white)
Type
Length mm (in.)
Part No.
EKS 12/4
126 (4.96)
0623500000
EKS 2/4
20.2 (.795)
0624500000
EKS 3/4
30.9 (1.22)
0624400000
EKS 4/4
41.6 (1.64)
0624300000
EKS 5/4
52.3 (2.06)
0624200000
EKS 6/4
63.0 (2.48)
0624100000
EKS 7/4
73.7 (2.90)
0624000000
EKS 11/4
116.5 (4.59)
0623600000
MK 6
UL
CSA
VDE
300 V
300 V
690 V
30 A
40 A
41 A
#22…10
#22…12
6 mm2
9 (.35)
2.3 (20)
6
Melamine
Type
Length mm (in.)
Part No.
MK 6/6
75 (2.95)
0620120000
MK 6/2
24.45 (.963)
0620420000
MK 6/3
37.45 (1.47)
0620320000
MK 6/4
50.45 (1.99)
0620220000
MK 6/6
75 (2.95)
0620120000
BSTb
17/6
0304600000
Direct Mount Terminals
Feed Through
Technical Data
Rated voltage
Rated current
Wire size
AWG
Insulation stripping length
mm (in.)
Torque
Nm (lb. in.)
Number of poles
Molding material
Terminal Strips
12 pole
Cutoffs
2 pole
3 pole
4 pole
5 pole
6 pole
7 pole
8 pole
9 pole
10 pole
11 pole
Technical Data
Rated voltage
Rated current
Wire size
AWG
Insulation stripping length
mm (in.)
Torque
Nm (lb. in.)
Number of poles
Molding material
Terminal Strips
Cutoffs
2 pole
3 pole
4 pole
5 pole
6 pole
8 pole
9 pole
10 pole
12 pole
Hole diameter 4mm
for #6 screw on
18.5mm centers.
3.35
10.0
8.5
8.70
17.95(L)
L
Hole diameter 4mm
for #6 screw on
26mm centers.
13.0
4.65
11.45
24.45(L)
L


Similar Part No. - 0273820000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0273820000 WEIDMULLER-0273820000 Datasheet
1Mb / 52P
   SAK-series
0273820000 WEIDMULLER-0273820000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
0273820000 WEIDMULLER-0273820000 Datasheet
54Kb / 1P
   Single- and multi-pole terminal strip, 2.5 mm Screw connection, KrG, Medium yellow, Direct mounting
0273820000 WEIDMULLER-0273820000 Datasheet
54Kb / 1P
   Single- and multi-pole terminal strip, 2.5 mm짼, Screw connection, KrG, Medium yellow, Direct mounting
0273820000 WEIDMULLER-0273820000 Datasheet
49Kb / 1P
   Single- and multi-pole terminal strip, 2.5 mm짼, Screw connection, KrG, Medium yellow, Direct mounting
More results

Similar Description - 0273820000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0241760000 WEIDMULLER-0241760000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
logo
Mallory Sonalert Produc...
J-NUT MSPI-J-NUT Datasheet
31Kb / 1P
   Direct Mount Nut
logo
Rohm
SLR-343MC3F ROHM-SLR-343MC3F Datasheet
164Kb / 5P
   Competent to direct mount
logo
KODENSHI_AUK CORP.
SG2C09-S KODENSHI-SG2C09-S Datasheet
166Kb / 3P
   PWB direct mount type
SG2C10 KODENSHI-SG2C10 Datasheet
167Kb / 3P
   PWB direct mount type
SG2C06 KODENSHI-SG2C06 Datasheet
155Kb / 2P
   PWB direct mount type
SG-105LF KODENSHI-SG-105LF Datasheet
155Kb / 3P
   PWB direct mount type
SG238V KODENSHI-SG238V Datasheet
143Kb / 2P
   PWB direct mount type
logo
Taoglas antenna solutio...
TL101HH11 TAOGLAS-TL101HH11 Datasheet
1Mb / 24P
   Wideband Direct Mount antenna
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com