Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4S16CA-AU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM4S16CA-AU
Description  Scalable Performance and Memory Density, Power Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S16CA-AU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM4S16CA-AU Datasheet HTML 1Page - ATMEL Corporation ATSAM4S16CA-AU Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Atmel SAM4S Series
Scalable Performance and
Memory Density, Power Efficiency
Based on the powerful ARM® Cortex-M4 processor, the Atmel® SAM4S series extends the Atmel Cortex-M portfolio to offer:
Increased performance and power efficiency
Higher memory densities up to 2MB of Flash and 160KB of SRAM
And a rich peripheral set for connectivity, system control and analog interfacing.
Devices are pin-to-pin and software compatible with current SAM3 Cortex-M3-based MCUs, offering a smooth upwards
migration path for performance and memory size.
Key Features
Improved Performance Level — Built around the ARM Cortex-M4 processor, the SAM4S operates at 120MHz and
integrates Atmel’s Flash read accelerator and optional cache memory to increase system performance. The SAM4S
features a multi-layer bus matrix, multi-channel direct memory access (DMA) and distributed memory to support high
data rate communication.
Low Power Consumption — The SAM4S series achieves 200µA/MHz in dynamic mode at a low operating frequency;
30mA at 120MHz; and 1µA at 1.8V in back-up mode with the real-time clock (RTC) running. Offering some of the best
power consumption/performance rates on the market for standby mode, the SAM4S series reaches 120MHz operating
frequency with a RAM retention mode below 25µA.
Safety and Security — Integrated best-in-class hardware code protection:
Prevents access to on-chip memory to protect your intellectual property (IP).
Supports secure device reconditioning (chip erase) for reprogramming.
A unique 128-bit ID and scrambled external bus interface ensure software confidentiality while the hardware CRC
checks memory integrity.
Atmel QTouch Capacitive Touch Support — The SAM4S series is touch-ready, offering native support for Atmel’s
market-leading QTouch® technology so you can easily implement buttons, sliders and wheels in your application.
Ease of Use — Accelerate your development cycle with Atmel Studio 6, a seamless, easy-to-use integrated
development environment (IDE). Get a jump-start on your design with dedicated evaluation kits and software packages.
For rapid evaluation and code development, Atmel and industry-leading third parties provide a full range of development
tools, real-time operating system (RTOS), middleware and support services to reduce time to market.
Application Areas
Consumer goods and toys
Industrial control
Metering
Medical
Test and measurement
802.15.4 wireless networking
PC, cell phone, gaming peripherals


Similar Part No. - ATSAM4S16CA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4S16CA-AU ATMEL-ATSAM4S16CA-AU Datasheet
638Kb / 67P
   ARM-based Flash MCU
More results

Similar Description - ATSAM4S16CA-AU

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
DPO70000SX TEKTRONIX-DPO70000SX Datasheet
8Mb / 50P
   Scalable Performance Oscilloscopes
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Sciosense B.V.
ENS21X SCIOSENSE-ENS21X Datasheet
3Mb / 2P
   Scalable Family of High-Performance Digital Temperature and Humidity Sensors
logo
Cooper Bussmann, Inc.
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
   High Power Density, High Efficiency, Shielded Inductors
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
   The high efficiency and high power density of the ABC family ensures
logo
STMicroelectronics
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
   High-density performance line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com