Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD32BA-MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATSAM4SD32BA-MU
Description  ARM-based Flash MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD32BA-MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATSAM4SD32BA-MU Datasheet HTML 6Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 7Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 8Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 9Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 10Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 11Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 12Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 13Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Universal Synchronous Asynchronous Receiver Transmitter USARTx
SCKx
USARTx Serial Clock
I/O
TXDx
USARTx Transmit Data
I/O
RXDx
USARTx Receive Data
Input
RTSx
USARTx Request To Send
Output
CTSx
USARTx Clear To Send
Input
DTR1
USART1 Data Terminal Ready
I/O
DSR1
USART1 Data Set Ready
Input
DCD1
USART1 Data Carrier Detect
Output
RI1
USART1 Ring Indicator
Input
Synchronous Serial Controller - SSC
TD
SSC Transmit Data
Output
RD
SSC Receive Data
Input
TK
SSC Transmit Clock
I/O
RK
SSC Receive Clock
I/O
TF
SSC Transmit Frame Sync
I/O
RF
SSC Receive Frame Sync
I/O
Timer/Counter - TC
TCLKx
TC Channel x External Clock Input
Input
TIOAx
TC Channel x I/O Line A
I/O
TIOBx
TC Channel x I/O Line B
I/O
Pulse Width Modulation Controller- PWMC
PWMHx
PWM Waveform Output High for channel x
Output
PWMLx
PWM Waveform Output Low for channel x
Output
The only output in
complementary mode
when dead time insertion
is enabled.
PWMFI0
PWM Fault Input
Input
Serial Peripheral Interface - SPI
MISO
Master In Slave Out
I/O
MOSI
Master Out Slave In
I/O
SPCK
SPI Serial Clock
I/O
SPI_NPCS0
SPI Peripheral Chip Select 0
I/O
Low
SPI_NPCS1 -
SPI_NPCS3
SPI Peripheral Chip Select
Output
Low
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments


Similar Part No. - ATSAM4SD32BA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4SD32BA-MU ATMEL-ATSAM4SD32BA-MU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
More results

Similar Description - ATSAM4SD32BA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com