Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD16BA-AU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM4SD16BA-AU
Description  ARM-based Flash MCU
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD16BA-AU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM4SD16BA-AU Datasheet HTML 5Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 6Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 7Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 8Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 9Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 10Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 11Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 12Page - ATMEL Corporation ATSAM4SD16BA-AU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Flash Memory
ERASE
Flash and NVM Configuration Bits Erase
Command
Input
High
VDDIO
Reset State:
- Erase Input
- Internal pull-down enabled
- Schmitt Trigger enabled
(1)
Reset/Test
NRST
Synchronous Microcontroller Reset
I/O
Low
VDDIO
Permanent Internal
pull-up
TST
Test Select
Input
Permanent Internal
pull-down
Universal Asynchronous Receiver Transceiver - UARTx
URXDx
UART Receive Data
Input
UTXDx
UART Transmit Data
Output
PIO Controller - PIOA - PIOB - PIOC
PA0 - PA31
Parallel IO Controller A
I/O
VDDIO
Reset State:
- PIO or System IOs
(2)
- Internal pull-up enabled
- Schmitt Trigger enabled(1)
PB0 - PB14
Parallel IO Controller B
I/O
PC0 - PC31
Parallel IO Controller C
I/O
PIO Controller - Parallel Capture Mode
PIODC0-PIODC7
Parallel Capture Mode Data
Input
VDDIO
PIODCCLK
Parallel Capture Mode Clock
Input
PIODCEN1-2
Parallel Capture Mode Enable
Input
External Bus Interface
D0 - D7
Data Bus
I/O
A0 - A23
Address Bus
Output
NWAIT
External Wait Signal
Input
Low
Static Memory Controller - SMC
NCS0 - NCS3
Chip Select Lines
Output
Low
NRD
Read Signal
Output
Low
NWE
Write Enable
Output
Low
NAND Flash Logic
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
High Speed Multimedia Card Interface - HSMCI
MCCK
Multimedia Card Clock
I/O
MCCDA
Multimedia Card Slot A Command
I/O
MCDA0 - MCDA3
Multimedia Card Slot A Data
I/O
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments


Similar Part No. - ATSAM4SD16BA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4SD32BA-AU ATMEL-ATSAM4SD32BA-AU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32BA-MU ATMEL-ATSAM4SD32BA-MU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-AU ATMEL-ATSAM4SD32CA-AU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-CFU ATMEL-ATSAM4SD32CA-CFU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
ATSAM4SD32CA-CU ATMEL-ATSAM4SD32CA-CU Datasheet
275Kb / 2P
   Scalable Performance and Memory Density, Power Efficiency
More results

Similar Description - ATSAM4SD16BA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com