Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0273.050H Datasheet(PDF) 3 Page - Littelfuse

Part # 0273.050H
Description  272/273/274/278/279 Series, MICRO??Very Fast-Acting Fuse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0273.050H Datasheet(HTML) 3 Page - Littelfuse

  0273.050H Datasheet HTML 1Page - Littelfuse 0273.050H Datasheet HTML 2Page - Littelfuse 0273.050H Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Revised: January 7, 2009
133
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
272/273/274/278/279 Series
Please refer to www.littelfuse.com/series/272.html, /273.html, /274.html,
/278.html or /279.html for current information.
MICRO™ > Very Fast-Acting > 272/273/274/278/279 Series
Product Characteristics
Operating Temperature:
273 and 279: –55ºC to +85ºC;
272 and 278: –55ºC to +125ºC
Fuses to MIL SPEC
273 Series is available in CSA LR
29862. Military QPL type (FM02).
To order, change 273 to 274.
Materials
272 and 278 series cap:
Nickel Plated Brass
273, 274 and 279 series cap:
Mirror polished Polycarbonate
Base: R-4 Ryton
Pins: Tin Plated Copper
Product Marking
Current and voltage ratings stamped
on cap
Dimensions
7.30
(.29")
(.17")
8.89
(.35")
2.54 (.10")
7.30
(.29")
25.4 (1.0")
2.54 (.10")
25.4 (1.0")
2.54 (.10")
5.97
(.235")
6.35
(.25")
5.97
(.235")
2.54 (.10")
8.89
(.35")
6.35
(.25")
272 000 Series
273 000 and 274 000 Series
278 000 Series
279 000 Series
(Short Lead, Metal Cap)
(Short Lead, Clear Plastic Cap)
(Long Lead, Metal Cap)
(Long Lead, Clear Plastic Cap)
NOTE: Amperage and voltage rating stamped on cap.
Leads are tin plated copper; .025" diameter.
(.17")
4.32
4.32
Part Numbering System
0273 xxxx V
Packaging Code
Amp. Code
Series
Refer to Amp Code column of
Electrical Characteristics Table
V = 5
H = 100
Packaging
Packaging Option
Packaging Specification
Quantity
Quantity &
Packaging Code
Bulk
N / A
5
V
Bulk
N / A
100
H


Similar Part No. - 0273.050H

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0273 MILL-MAX-0273 Datasheet
322Kb / 1P
   PIN RECEPTACLES
0273-0-15-01-16-01-10-0 MILL-MAX-0273-0-15-01-16-01-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-01-16-27-10-0 MILL-MAX-0273-0-15-01-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
0273-0-15-15-16-27-10-0 MILL-MAX-0273-0-15-15-16-27-10-0 Datasheet
157Kb / 1P
   PIN RECEPTACLES for .022??- .034??diameter pins and .025??square pins
logo
List of Unclassifed Man...
02730 ETC2-02730 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
More results

Similar Description - 0273.050H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
262 LITTELFUSE-262 Datasheet
87Kb / 1P
   MICRO FUSE Very Fast-Acting Type 262/268/269 Series
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
0262.002V LITTELFUSE-0262.002V Datasheet
160Kb / 3P
   262/268/269 Series, MICRO??Very Fast-Acting Fuse (High-Reliability)
0275.062M- LITTELFUSE-0275.062M- Datasheet
85Kb / 2P
   PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
logo
Bel Fuse Inc.
MRF BEL-MRF Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
Littelfuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
451 LITTELFUSE-451 Datasheet
102Kb / 1P
   NANO2 FUSE Very Fast-Acting 451/453 Series
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
   PICO Very Fast-Acting Surface Mount Fuse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com