Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE58-25 Datasheet(PDF) 2 Page - Winbond

Part # W77LE58-25
Description  8 BIT MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77LE58-25 Datasheet(HTML) 2 Page - Winbond

  W77LE58-25 Datasheet HTML 1Page - Winbond W77LE58-25 Datasheet HTML 2Page - Winbond W77LE58-25 Datasheet HTML 3Page - Winbond W77LE58-25 Datasheet HTML 4Page - Winbond W77LE58-25 Datasheet HTML 5Page - Winbond W77LE58-25 Datasheet HTML 6Page - Winbond W77LE58-25 Datasheet HTML 7Page - Winbond W77LE58-25 Datasheet HTML 8Page - Winbond W77LE58-25 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
Preliminary W77LE58
- 2 -
GENERAL DESCRIPTION
The W77LE58 is a fast 8051 compatible microcontroller with a redesigned processor core without
wasted clock and memory cycles. As a result, it executes every 8051 instruction faster than the
original 8051 for the same crystal speed. Typically, the instruction executing time of W77LE58 is 1.5
to 3 times faster then that of traditional 8051, depending on the type of instruction. In general, the
overall performance is about 2.5 times better than the original for the same crystal speed. Giving the
same throughput with lower clock speed, power consumption has been improved. Consequently, the
W77LE58 is a fully static CMOS design; it can also be operated at a lower crystal clock. The
W77LE58 contains 32 KB flash Multiple-Time Programmable(MTP) ROM, and provides operating
voltage from 2.7V to 5.5V. All W77LE58 types also support on-chip 1 KB SRAM without external
memory component and glue logic, saving more I/O pins for users’ application usage if they use on-
chip SRAM instead of external SRAM.
FEATURES
8-bit CMOS microcontroller
High speed architecture of 4 clocks/machine cycle runs up to 25 MHz
Pin compatible with standard 80C52
Instruction-set compatible with MCS-51
Four 8-bit I/O Ports
One extra 4-bit I/O port and Wait State control signal (available on 44-pin PLCC/QFP package)
Three 16-bit Timers
12 interrupt sources with two levels of priority
On-chip oscillator and clock circuitry
Two enhanced full duplex serial ports
32 KB flash Multiple-Time Programmable(MTP) ROM
256 bytes scratch-pad RAM
1 KB on-chip SRAM for MOVX instruction
Programmable Watchdog Timer
Dual 16-bit Data Pointers
Software programmable access cycle to external RAM/peripherals
Packages:
− DIP 40: W77LE58-25
− PLCC 44: W77LE58P-25
− QFP 44: W77LE58F-25


Similar Part No. - W77LE58-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W77LE58 ETC2-W77LE58 Datasheet
1Mb / 82P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77LE58 NUVOTON-W77LE58 Datasheet
1Mb / 82P
   8-BIT MICROCONTROLLER
logo
Winbond
W77LE58 WINBOND-W77LE58_07 Datasheet
614Kb / 82P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77LE58-25

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com