Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2MP04012 Datasheet(PDF) 3 Page - RMT Ltd.

Part # 2MP04012
Description  The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MP04012 Datasheet(HTML) 3 Page - RMT Ltd.

  2MP04012 Datasheet HTML 1Page - RMT Ltd. 2MP04012 Datasheet HTML 2Page - RMT Ltd. 2MP04012 Datasheet HTML 3Page - RMT Ltd. 2MP04012 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMT Ltd.
2MP04-012 Series
Copyright 2005. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice.
RMTK 188.00.00
53 Leninskij prosp. Moscow 119991 Russia, phones: 7-095-132-6817, 7-095-132-6685, fax: 7-095-132-5870, e-mail: rmtcom@dol.ru
2MP04-012-15
Standard Perfomance Plots
Application tips
Cautions
1. Never heat TE module more than 160oC (TEC assembled
at 183oC) or 200oC (TEC assembled at 230oC).
2. Never use TE module without attached heat sink at
hot (bottom) side.
Installation
1. Mechanical Mounting
TEC is placed between two heat exchangers . This construction is fixed by screws or in
another mechanical way.
It is suitable for large modules (with dimensions 30mmx30mm and larger). Miniature types
require other assembling methods.
2. Soldering
This method is suitable for a TE module with metallized outside surfaces (cold and hot
sides). RMT provides this option and also makes pre-tinning for TE modules. In comparison
with a mechanical assembling method, soldering requires careful procedures.
3. Glueing
It is an up-to-date method that is used by many customers due to availability of glues with
good thermoconductive properties. A glue is usually based on some epoxy compound filled
with some thermoconductive material such as graphite or diamond powders, silver, SiN and
others. The application of a specific type depends on application features and the type of a
TE module.
3. Connect TE module to DC power supply according to
polarity
4. Do not apply DC current higher than Imax.
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Current, A
0
10
20
30
40
50
60
70
80
90
100
0.0
0.1
0.2
0.3
Q, W
Imax
0.8 Imax
0.6 Imax
0.4 Imax
0.0
0.3
0.5
0.8
0
10
20
30
40
50
60
70
80
90 100
DT, K
Imax
0.8 Imax
0.6 Imax
0.4 Imax
0.0
0.5
1.0
1.5
0
10
20
30
40
50
60
70
80
90 100
DT, K
417


Similar Part No. - 2MP04012

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MP04018 RMT-2MP04018 Datasheet
195Kb / 4P
   The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
More results

Similar Description - 2MP04012

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MP04060 RMT-2MP04060 Datasheet
221Kb / 4P
   The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04032 RMT-2MP04032 Datasheet
222Kb / 4P
   The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04018 RMT-2MP04018 Datasheet
195Kb / 4P
   The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04096 RMT-2MP04096 Datasheet
226Kb / 4P
   The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
logo
List of Unclassifed Man...
MR-828 ETC2-MR-828 Datasheet
290Kb / 1P
   MR series elements are designed for applications where high vibration resistance as well as high temperature stability are vital
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
   OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
logo
Panasonic Semiconductor
ECQV PANASONIC-ECQV Datasheet
245Kb / 9P
   Designed for application where high density insertion of components is required.
logo
JMK Inc.
LL-1355-13BHT JMK-LL-1355-13BHT Datasheet
43Kb / 1P
   The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).
logo
RMT Ltd.
1MD06-097 RMT-1MD06-097 Datasheet
369Kb / 4P
   The feature of this series of miniature TE modules is an increased cooling capacity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com