Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C438C Datasheet(PDF) 5 Page - Winbond

Part # W78C438C
Description  8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C438C Datasheet(HTML) 5 Page - Winbond

  W78C438C Datasheet HTML 1Page - Winbond W78C438C Datasheet HTML 2Page - Winbond W78C438C Datasheet HTML 3Page - Winbond W78C438C Datasheet HTML 4Page - Winbond W78C438C Datasheet HTML 5Page - Winbond W78C438C Datasheet HTML 6Page - Winbond W78C438C Datasheet HTML 7Page - Winbond W78C438C Datasheet HTML 8Page - Winbond W78C438C Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
W78C438C
Publication Release Date: July 1998
- 5 -
Revision A1
P8.0
−P8.7 I/O Port
Functions are the same as those of Port 1 in the W78C31, except that they are mapped by the P8
register and not bit-addressable. The P8 register is not a standard register in the W78C32. Its address
is at 0A6H.
INT2
, INT3 External Interrupt, Input
Functions are similar to those of external INT0 , INT1 in the W78C32, except that the functions/status
of these interrupts are determined/shown by the bits in the XICON (External Interrupt Control)
register. The XICON register is bit-addressable but is not a standard register in the W78C32. Its
address is at 0C0H. For details, see the Functional Description below.
EA
External Address, Input
Functions same as W78C32.
RST, XTAL1, XTAL2, PSEN , ALE
Functions same as W78C32.
BLOCK DIAGRAM
SFR
RAM
256
Bytes
CPU
Serial
Port
Data Bus
CORE
Interrupt
INT0
Timer0
Timer2
Port 0
Port 1
Port 2
Alternate
Port 8
DP4
AP5
AP6
AP7
Alternate
INT1
Timer1
INT2
INT3
Port 3
Alternate


Similar Part No. - W78C438C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C438C WINBOND-W78C438C Datasheet
260Kb / 22P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W78C438C ETC2-W78C438C Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C438C NUVOTON-W78C438C Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C438C40FL WINBOND-W78C438C40FL Datasheet
260Kb / 22P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C438C40FL NUVOTON-W78C438C40FL Datasheet
363Kb / 20P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C438C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com