Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

027501.5M- Datasheet(PDF) 1 Page - Littelfuse

Part # 027501.5M-
Description  PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

027501.5M- Datasheet(HTML) 1 Page - Littelfuse

  027501.5M- Datasheet HTML 1Page - Littelfuse 027501.5M- Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www .littelfuse .com
Axial and Radial Lead Fuses
Subminiature
PICO
® Fuse Very Fast-Acting Fuse 275/276 Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Ampere
Rating
Opening
Time
100%
1/16-30
4 hours, Minimum
200%
1/16-10
5 second, Maximum
12-30
10 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATINGS:
300 amperes at rated VDC
50 amperes at rated VAC
ENVIRONMENTALSPECIFICATIONS:
Operating Temperature: –55°C to 125°C.
Shock: MIL-STD-202, Method 213, Test Condition I
(100 G’s peak for 6 milliseconds) and per method 2028 (78 G‘s
peak for 11 millseconds).
Vibration: MIL-STD-202, Method 204A; Test Condition D (vibra-
tions of 10-2000 cps at 20 G‘s).
Insulation Resistance (After Opening): MIL-STD-202, Method
302, Test Condition A (1/2 Megohm minimum).
Moisture Resistance: MIL-STD-202, Method 106.
PHYSICALSPECIFICATIONS:
Materials: Solder-Coated Copper Leads. R
Solderability: MIL-STD-202, Method 208.
Lead Pull Force: MIL-STD-202, Method 211, Test Condition A
(will withstand a 5 lb. axial pull test).
VARIATIONS IN DESIGN: Picofuses which differ from the stan-
dard versions as presented on this page can be provided for a
commercial or military use. One such design version is where
the picofuse terminates at one end of a pin for use as a single or
multi-pin connector. Extreme accuracy in blowing time at 300% or
more of rating, makes these picofuses suitable for use in circuits
where sequential switching or redundancy may be required. The
small size of the fuse, its non-hygroscopic characteristic and
infinitesimal weight makes it the ideal fuse for micro-electronic
circuits.
PATENTED
®
®
Average Time Current Curves
100
10
1
0.1
0.01
0.001
0.05 0.1
1
10
100
1000
CURRENT IN AMPERES


Similar Part No. - 027501.5M-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
02750 ETC2-02750 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
Littelfuse
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0275020.MXL LITTELFUSE-0275020.MXL Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0275025.MRT1L LITTELFUSE-0275025.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0275025.MXL LITTELFUSE-0275025.MXL Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
More results

Similar Description - 027501.5M-

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0275020.MRT1L LITTELFUSE-0275020.MRT1L Datasheet
187Kb / 4P
   275 Series, PICO , Very Fast-Acting Fuse
0251.062HAT1L LITTELFUSE-0251.062HAT1L Datasheet
289Kb / 4P
   251/253 Series, PICO짰 II, Very Fast-Acting Fuse
0263.062WRT2 LITTELFUSE-0263.062WRT2 Datasheet
185Kb / 3P
   263 Series, PICO짰 II 250 Volt, Very Fast-Acting Fuse
0265.062V LITTELFUSE-0265.062V Datasheet
193Kb / 4P
   265/266/267 Series, PICO짰, Very Fast-Acting Fuse (High-Reliability)
0316.500NAT1 LITTELFUSE-0316.500NAT1 Datasheet
132Kb / 3P
   316 Series PICO짰II, Very Fast-Acting Fuse
265 LITTELFUSE-265 Datasheet
90Kb / 1P
   PICO Fuse Very Fast-Acting Fuse 265/266/267 Series
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
   Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com