Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C516 Datasheet(PDF) 1 Page - Winbond

Part # W78C516
Description  8-BIT MICROCONTROLLER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C516 Datasheet(HTML) 1 Page - Winbond

  W78C516 Datasheet HTML 1Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRELIMINARY W78C516
8-BIT MICROCONTROLLER
Publication Release Date: April, 1999
- 1 -
Revision A0
GENERAL DESCRIPTION
The W78C516 is a derivative of the W78C52 microcontroller family that provides extended internal
ROM. The chip has 64K bytes of mask ROM and 256 bytes of RAM.
This device provides an enhanced architecture that makes it more powerful and suitable for a variety
of applications for general control systems. It provides on-chip 64KB mask ROM to accommodate
large program codes, 256-bytes of non-volatile on-chip RAM, four 8-bit I/O ports, one 4-bit I/O port,
three 16-bit timer/counters, eight sources with two-level interrupt structures, and on-chip oscillator
clock circuits.
FEATURES
DC to 40 MHz extensive operating frequency
256-byte on-chip scratch pad RAM
64K-byte on-chip mask ROM
64K-byte address space for external Program Memory
64K-byte address space for external Data Memory
• Three 16-bit timer/counters
Four 8-bit bit-addressable I/O ports
One extra 4-bit bit-addressable I/O port (available on 44-pin PLCC/QFP package)
Six-source, two priority-level interrupts
Built-in programmable power-saving modes - Idle mode & Power-down mode
Packages:
− DIP 40: W78C516-24/40
− PLCC 44: W78C516P-24/40
− QFP 44: W78C516F-24/40


Similar Part No. - W78C516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C51 WINBOND-W78C51 Datasheet
272Kb / 28P
   8-BIT EMULATION MICROCONTROLLER
W78C51D WINBOND-W78C51D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78C51D-24 WINBOND-W78C51D-24 Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78C51D-40 WINBOND-W78C51D-40 Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78C51DF-24 WINBOND-W78C51DF-24 Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78C516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com