Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78CE354E Datasheet(PDF) 5 Page - Winbond

Part # W78CE354E
Description  MONITOR MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78CE354E Datasheet(HTML) 5 Page - Winbond

  W78CE354E Datasheet HTML 1Page - Winbond W78CE354E Datasheet HTML 2Page - Winbond W78CE354E Datasheet HTML 3Page - Winbond W78CE354E Datasheet HTML 4Page - Winbond W78CE354E Datasheet HTML 5Page - Winbond W78CE354E Datasheet HTML 6Page - Winbond W78CE354E Datasheet HTML 7Page - Winbond W78CE354E Datasheet HTML 8Page - Winbond W78CE354E Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
W78C354
Publication Release Date: October 1996
- 5 -
Revision A1
Pin Description, continued
PIN NAME
I/O TYPE
FUNCTION
P2.2
P2.3 (STP)
P2.4 (SDAC10)
P2.5 (SDAC11)
P2.6 (SDAC12)
P2.7 (SDAC13)
I/O
General purpose I/O.
Sink/source current 4 mA/-100
µA.
Alternate function:
P2.3: STP (Self-Test Pattern) output.
P2.4
−P2.7: SDAC10−13 outputs.
While outputing special function, P2.3
−P2.7 sink/source
current is 4 mA/-4 mA.
P3.0 (RXD)
P3.1 (TXD)
P3.2 (INT0)
P3.3
P3.4 (T0)
P3.5 (T1)
P3.6
P3.7
I/O
General purpose I/O.
Sink/Source current 2 mA/-100
µA.
Alternate function:
P3.0: Serial input port.
P3.1: Serial output port.
P3.2: External interrupt input.
P3.4, P3.5: Timer/counter 0, 1 external inputs.
P4.0
−P4.6
O
Output port.
Sink/source current 2 mA/-2 mA.
HIN
VIN
I
HIN: Hsync/composite sync input.
VIN: Vsync input.
Schmitt trigger input pin.
HOUT
VOUT
O
HOUT: Hsync output.
VOUT: Vsync output.
Sink/source current 4 mA/-4 mA.
RST
I
Reset the controller (active low).
Schmitt trigger input pin.
OSCOUT
O
Output from inverting oscillator amplifier.
OSCIN
I
Input to inverting oscillator amplifier.
VPP
I
High voltage supply input for flash PROM.
VDD
I
Positive power supply for digital circuit, +5V.
VSS
I
Digital ground.
VAA
I
Positive power supply for analog circuit, +5V.
VSSA
I
Analog ground.
BLOCK DIAGRAM


Similar Part No. - W78CE354E

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C032C WINBOND-W78C032C Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C NUVOTON-W78C032C Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40DL WINBOND-W78C032C40DL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W78C032C40DL NUVOTON-W78C032C40DL Datasheet
352Kb / 18P
   8-BIT MICROCONTROLLER
logo
Winbond
W78C032C40FL WINBOND-W78C032C40FL Datasheet
233Kb / 18P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78CE354E

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
   MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
   MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT91315XL ETC-NT91315XL Datasheet
994Kb / 22P
   Microcontroller for Monitor
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
   8-Bit Microcontroller for Monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
   microcontroller for digital controlled monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
   8-Bit Microcontroller for Monitor
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68F62 ETC1-NT68F62 Datasheet
509Kb / 57P
   8-Bit Microcontroller for Monitor (32K Flash MTP Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com