Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744062470 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744062470
Description  POWER-CHOKE WE-TPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744062470 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744062470 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744062470 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744062470 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
12,0 ± 1,0
mm
B
4,00 ± 0,1
mm
a
178 ± 0,5
mm
b
20,20 ± 0,1
mm
+ 0,5
- 1,0
d
50,0 ± 1,0
mm
ME
09-01-15
MST
08-04-11
MST
04-10-11
SST
04-03-18
Name
Datum / date
Änderung / modification
Version 1
Version 2
Version 4
Version 5
mm
13,00
c
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
744062470
SPEICHERDROSSEL WE-TPC
POWER-CHOKE WE-TPC
DATUM / DATE : 2009-01-15
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
http://www.we-online.com
Würth Elektronik
..................................................................................
..................................................................................
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
Kontrolliert / approved
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
LF
SEITE 3 VON 3


Similar Part No. - 744062470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744062470 WURTH-744062470_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

Similar Description - 744062470

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74402800011 WURTH-74402800011 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744025003 WURTH-744025003 Datasheet
133Kb / 3P
   POWER-CHOKE WE-TPC
744031001 WURTH-744031001 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744029003 WURTH-744029003 Datasheet
320Kb / 3P
   POWER-CHOKE WE-TPC
744062150 WURTH-744062150 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
744066100 WURTH-744066100 Datasheet
114Kb / 3P
   POWER-CHOKE WE-TPC
744053004 WURTH-744053004 Datasheet
219Kb / 3P
   POWER-CHOKE WE-TPC
744053270 WURTH-744053270 Datasheet
140Kb / 3P
   POWER-CHOKE WE-TPC
744066151 WURTH-744066151 Datasheet
115Kb / 3P
   POWER-CHOKE WE-TPC
744043003 WURTH-744043003 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
744043008 WURTH-744043008 Datasheet
139Kb / 3P
   POWER-CHOKE WE-TPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com